Electronic Components Datasheet Search
  English  ▼

X  

BAT54A Datasheet(PDF) 3 Page - Continental Device India Limited

Part # BAT54A
Description  SILICON PLANAR SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAT54A Datasheet(HTML) 3 Page - Continental Device India Limited

  BAT54A Datasheet HTML 1Page - Continental Device India Limited BAT54A Datasheet HTML 2Page - Continental Device India Limited BAT54A Datasheet HTML 3Page - Continental Device India Limited BAT54A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 3 of 4
1.6
MAX
1.22
2.77
8.0
–0.1
–0.10
+0.3
3.5
–0.05
–0.1
–0.1
–0.05
–0.1
–0.05
4.0
4.0
1.55
2.0
1.75
5.75
MAX
–0.05
–0.10
3.15
1.0
- 0.1
Direction of Unreeling
All dimensions in mm
ł 329.2– 0.5 / 178 – 0.5
14.4
7.9
10.9
9.2– 0.5
MAX
ł 100.0– 0.5 / 54.5 – 0.5
ł
2.0– 0.5
ł 20.2 M IN
D ETAIL X
ł 13.0
+0.5
0.2
All dim ensions in m m
330 / 180 m m
Antistatic Coated Plastic Reel
NO TES:
No. of D evices
8m m Tape
Size of R eel
330 m m (13")
10,000 Pcs
8m m Tape
Size of R eel
180 m m (7")
3,000 Pcs
The bandolier of 330 m m reel contains at least 10,000 devices.
The bandolier of 180 m m reel contains at least 3,000 devices.
No m ore than 0.5% m issing devices / reel. 50 empty com partm ents for 330 m m reel.
15 em pty com partm ents for 180 mm reel.
Three consecutive em pty places m ight be found provided this gap is followed by 6
consecutive devices.
The carrier tape (leader) starts with at least 75 em pty positions (equivalent to 330
m m ). In order to fix the carrier tape a self adhesive tape of 20 to 50 m m is applied. At
the end of the bandolier at least 40 em pty positions (equivalent to 160 m m ) are there.
180
or
330
1.
2.
3.
4.
5.
+/– 0.05
+/– 0.05
1.30
0.62
0.62
7º
0.08
PARTING LINE
RO.08
0.21
6º
7
5º
+/–3"
+/–0.10
2.50
+/– 4"
0.08
R0.08
+/– 0.05
2.50
0.62
1.30
+/– 0.10
+/–0.025
+/-0.05
3
3
0.62
cL
1
2
3
Tape Specification for SOT-23 Surface Mount Device
SOT-23 Formed SMD Package
SOT-23 Package Reel Information
Reel specifications for Packing (13"/7" reels)
BAT54A, BAT54C, BAT54S
SOT-23
Formed SMD Package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com