Electronic Components Datasheet Search
  English  ▼

X  

ACT8937 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8937
Description  Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8937 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8937 Datasheet HTML 1Page - Active-Semi, Inc ACT8937 Datasheet HTML 2Page - Active-Semi, Inc ACT8937 Datasheet HTML 3Page - Active-Semi, Inc ACT8937 Datasheet HTML 4Page - Active-Semi, Inc ACT8937 Datasheet HTML 5Page - Active-Semi, Inc ACT8937 Datasheet HTML 6Page - Active-Semi, Inc ACT8937 Datasheet HTML 7Page - Active-Semi, Inc ACT8937 Datasheet HTML 8Page - Active-Semi, Inc ACT8937 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ACT8937
Rev 0, 21-Sep-10
®
- 4 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2010 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
PIN CONFIGURATION
TOP VIEW
Thin - QFN (TQFN55-40)
ORDERING INFORMATION
PART NUMBER
VOUT1
VOUT2/VSTBY2
VOUT3/VSTBY3
VOUT4
VOUT5
VOUT6
VOUT7
PROCESSOR
ACT8937QJ2PQ-T
3.3V
1.3V/1.2V
1.35V/1.2V
1.2V
1.2V
1.2V
3.3V
S5PC100
ACT8937QJ21C-T
3.3V
1.1V/1.1V
1.25V/1.25V
1.1V
1.1V
1.1V
3.3V
S5PC110
S5PV210
ACT8937QJ206-T
1.8V
1.1V/1.1V
1.25V/1.25V
1.1V
1.1V
1.1V
3.3V
S5PC110
S5PV210
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
: Standard product options are identified in this table. Contact factory for custom options. Minimum order quantity is 12,000 units.
: To select VSTBYx as a output regulation voltage of REGx. Drive VSEL to a logic high. The VSTBYx can be set by software via I
2C
interface, refer to appropriate sections of this datasheet for VSTBYx setting.
: ACT8937QJ2PQ-T is optimized for S5PC100, ACT8937QJ21C-T and ACT8937QJ206-T are optimized for S5PC110 and S5PV210.
ACT8937QJ_ _ _-T
Option Code
Pin Count
Package Code
Product Number
Active-Semi
Tape and Reel
ACT8937
REFBP
OUT1
GA
OUT4
OUT5
INL
OUT7
OUT6
nPBIN
PWRHLD
BAT
BAT
nSTAT
SDA
SCL
VSEL
TH
ISET
CHGLEV
ACIN
EP
Active-Semi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com