Electronic Components Datasheet Search
  English  ▼

X  

ACT8937 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT8937
Description  Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8937 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT8937 Datasheet HTML 9Page - Active-Semi, Inc ACT8937 Datasheet HTML 10Page - Active-Semi, Inc ACT8937 Datasheet HTML 11Page - Active-Semi, Inc ACT8937 Datasheet HTML 12Page - Active-Semi, Inc ACT8937 Datasheet HTML 13Page - Active-Semi, Inc ACT8937 Datasheet HTML 14Page - Active-Semi, Inc ACT8937 Datasheet HTML 15Page - Active-Semi, Inc ACT8937 Datasheet HTML 16Page - Active-Semi, Inc ACT8937 Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
ACT8937
Rev 0, 21-Sep-10
®
- 13 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2010 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
REGISTER AND BIT DESCRIPTIONS CONT’D
OUTPUT ADDRESS
BIT
NAME
ACCESS
DESCRIPTION
REG7
0x65
[0]
OK
R
Regulator Power-OK Status. Value is 1 when output voltage
exceeds the power-OK threshold, value is 0 otherwise.
APCH
0x70
[7:0]
-
R/W
Reserved.
APCH
0x71
[7]
SUSCHG
R/W
Charge Suspend Control Input. Set bit to 1 to suspend
charging, clear bit to 0 to allow charging to resume.
APCH
0x71
[6]
-
R/W
Reserved.
APCH
0x71
[5:4]
TOTTIMO
R/W
Total Charge Timeout Selection. See the Charge Safety
Timers
section for more information.
APCH
0x71
[3:2]
PRETIMO
R/W
Precondition Charge Timeout Selection. See the Charge
Safety Timers
section for more information.
APCH
0x71
[1:0]
OVPSET
R/W
Input Over-Voltage Protection Threshold Selection. See the
Input Over-Voltage Protection
section for more information.
APCH
0x78
[7]
TIMRSTAT
R/W
Charge Timeout Interrupt Status. See the Charge Safety
Timers
section for more information.
APCH
0x78
[6]
TEMPSTAT
R/W
Temperature Interrupt Status. See the Battery Temperature
Monitoring
section for more information.
APCH
0x78
[5]
INSTAT
R/W
Input Voltage Interrupt Status. See the Charge Current
Programming
section for more information.
APCH
0x78
[4]
CHGSTAT
R/W
Charge State Interrupt Status. See the State Machine
Interrupts
section for more information.
APCH
0x78
[3]
TIMRDAT
R
Charge Timer Interrupt Status. Value is 1 when precondition
timeout or total charge timeout fault occurs. Value is 0 in
other case.
APCH
0x78
[2]
TEMPDAT
R
Temperature Status. Value is 1 when battery temperature is
outside of valid range. Value is 0 when battery temperature
is inside of valid range.
APCH
0x78
[1]
INDAT
R
Input Voltage Status. Value is 1 when a valid input at
CHGIN is present. Value is 0 when a valid input at CHGIN
is not present.
APCH
0x78
[0]
CHGDAT
R
Charge State Status. Value is 1 when in END-OF-CHARGE
State. Value is 0 when in other state.
APCH
0x79
[7]
TIMRTOT
R/W
Charge Timer Interrupt Control. See the Charge Safety
Timers
section for more information.
APCH
0x79
[6]
TEMPIN
R/W
Temperature Interrupt Control. See the Battery Temperature
Monitoring
section for more information.
APCH
0x79
[5]
INCON
R/W
Input Voltage Interrupt Control. See the Charge Current
Programming
section for more information.
APCH
0x79
[4]
CHGEOCIN
R/W
Charge State Interrupt Control. See the State Machine
Interrupts
section for more information.
APCH
0x79
[3]
TIMRPRE
R/W
Charge Timer Interrupt Control. See the Charge Safety
Timers
section for more information.
APCH
0x79
[2]
TEMPOUT
R/W
Temperature Interrupt Control. See the Battery Temperature
Monitoring
section for more information.
APCH
0x79
[1]
INDIS
R/W
Input Voltage Interrupt Control. See the Charge Current
Programming
section for more information.
APCH
0x79
[0]
CHGEOCOUT
R/W
Charge State Interrupt Control. See the State Machine
Interrupts
section for more information.
APCH
0x7A
[7:6]
-
R
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com