Electronic Components Datasheet Search
  English  ▼

X  

STF20NM65N Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF20NM65N
Description  N-channel 650 V, 0.250 Ω, 15 A TO-220, TO-220FP second generation MDmesh™ Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20NM65N Datasheet(HTML) 4 Page - STMicroelectronics

  STF20NM65N Datasheet HTML 1Page - STMicroelectronics STF20NM65N Datasheet HTML 2Page - STMicroelectronics STF20NM65N Datasheet HTML 3Page - STMicroelectronics STF20NM65N Datasheet HTML 4Page - STMicroelectronics STF20NM65N Datasheet HTML 5Page - STMicroelectronics STF20NM65N Datasheet HTML 6Page - STMicroelectronics STF20NM65N Datasheet HTML 7Page - STMicroelectronics STF20NM65N Datasheet HTML 8Page - STMicroelectronics STF20NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STP20NM65N, STF20NM65N
4/16
Doc ID 13845 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified).
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS = 0
650
V
lDSS
Zero gate voltage drain
current (VGS=0)
VDS = max rating
VDS = max rating @ 125 °C
1
100
µA
µA
lGSS
Gate body leakage
(VDS=0)
VGS= ±25 V, VDS=0
100
nA
VGS(th)
Gate threshold voltage
ID = 250 µA,
VGS =VDS
23
4
V
RDS(on)
Static drain-source on
resistance
ID=7.5 A, VGS=10 V
0.250 0.270
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse capacitance
VDS = 50 V, f = 1MHz, VGS = 0
-
1280
110
10
-
pF
pF
pF
Coss eq
(1)
1.
Coss eq: defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80 % VDSS.
Equivalent output
capacitance
VDS = 0 to VGS = 0
-
260
-
pF
RG
Intrinsic gate resistance
f = 1MHz open drain
-
4.8
-
Ω
Qg
Qgs
Qgd
Total gate charge
Gate source charge
Gate-drain charge
VDD = 520 V, ID = 15 A,
VGS = 10 V
(see
Figure 16)
-
44
8
22
-
nC
nC
nC
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 325 V, ID=7.5 A
Rg=4.7 Ω,
VGS=10 V
(see
Figure 15)
(see
Figure 20)
-
15
13.5
-
ns
ns
td(off)
tf
Turn-off-delay time
Fall time
-
75
21
-
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com