Electronic Components Datasheet Search
  English  ▼

X  

STF20NM65N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF20NM65N
Description  N-channel 650 V, 0.250 Ω, 15 A TO-220, TO-220FP second generation MDmesh™ Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20NM65N Datasheet(HTML) 5 Page - STMicroelectronics

  STF20NM65N Datasheet HTML 1Page - STMicroelectronics STF20NM65N Datasheet HTML 2Page - STMicroelectronics STF20NM65N Datasheet HTML 3Page - STMicroelectronics STF20NM65N Datasheet HTML 4Page - STMicroelectronics STF20NM65N Datasheet HTML 5Page - STMicroelectronics STF20NM65N Datasheet HTML 6Page - STMicroelectronics STF20NM65N Datasheet HTML 7Page - STMicroelectronics STF20NM65N Datasheet HTML 8Page - STMicroelectronics STF20NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STP20NM65N, STF20NM65N
Electrical characteristics
Doc ID 13845 Rev 2
5/16
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source drain current
Source drain current
(pulsed)
-
15
60
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5 %.
Forward on voltage
ISD = 15 A, VGS = 0
-
1.6
V
trr
Reverse recovery time
ISD = 15 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 17)
-
455
ns
Qrr
Reverse recovery charge
5.5
nC
IRRM
Reverse recovery current
24.5
A
trr
Reverse recovery time
ISD =15 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see
Figure 17)
-
710
ns
Qrr
Reverse recovery charge
8
nC
IRRM
Reverse recovery current
24
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com