Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690 Datasheet(HTML) 2 Page - Texas Instruments

  OPA690 Datasheet HTML 1Page - Texas Instruments OPA690 Datasheet HTML 2Page - Texas Instruments OPA690 Datasheet HTML 3Page - Texas Instruments OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
1
2
3
4
8
7
6
5
NC
InvertingInput
NoninvertingInput
-
V
S
DIS
+V
S
Output
NC
NOTE:NC=notconnected.
1
2
3
6
5
4
Output
-VS
NoninvertingInput
+V
S
DIS
InvertingInput
OAEI
PinOrientation/PackageMarking
OPA690
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA690ID
Rails, 100
OPA690
SO-8
D
-40°C to +85°C
OPA690
OPA690IDR
Tape and Reel, 2500
OPA690IDBVT
Tape and Reel, 250
OPA690
SOT23-6
DBV
-40°C to +85°C
OAEI
OPA690IDBVR
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or see
the TI web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
OPA690
UNIT
Power Supply
±6.5
VDC
Internal Power Dissipation
See Thermal Analysis section
Differential Input Voltage
±1.2
V
Input Voltage Range
±VS
V
Storage Temperature Range: D, DBV
–65 to +125
°C
Junction Temperature (TJ)
+175
°C
Human Body Model (HBM)
2000
V
ESD Ratings
Charge Device Model (CDM)
1500
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
D PACKAGE
DRB PACKAGE
SO-8
SOT23-6
(TOP VIEW)
(TOP VIEW)
2
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com