Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 9Page - Texas Instruments OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Resistance(
)
W
100
1000
-60
-65
-70
-75
-80
3rd-Harmonic
V =2V
O
PP
f=5MHz
2nd-Harmonic
Frequency(MHz)
0.1
1
10
20
-40
-50
-60
-70
-80
-90
-100
V =2V
O
PP
R =100W to2.5V
L
2nd-Harmonic
3rd-Harmonic
OutputVoltageSwing(V
)
PP
0.1
1
3
-60
-65
-70
-75
-80
3rd-Harmonic
2nd-Harmonic
R =100W to2.5V
L
f=5MHz
Single-ToneLoadPower(dBm)
-14
-12
-10
-8
-6
-4
-2
0
2
-30
-35
-40
-45
-50
-55
-60
-65
-70
-75
20MHz
10MHz
50MHz
LoadPoweratMatched50
Load,seeFigure37
W
OPA690
www.ti.com
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
TYPICAL CHARACTERISTICS: +5V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 37 for ac performance only), unless otherwise noted.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs LOAD RESISTANCE
vs FREQUENCY
Figure 32.
Figure 33.
HARMONIC DISTORTION
TWO-TONE, 3RD-ORDER
vs OUTPUT VOLTAGE
INTERMODULATION SPURIOUS
Figure 34.
Figure 35.
Copyright © 2001–2010, Texas Instruments Incorporated
13
Product Folder Link(s): OPA690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com