Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments OPA690 Datasheet HTML 19Page - Texas Instruments OPA690 Datasheet HTML 20Page - Texas Instruments OPA690 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
OPA690
1.5kW
432W
137W
500W
1.87kW
1.87kW
V
I
+5V
DIS
0.1 F
m
150pF
0.1 F
m
100pF
4V
I
5MHz,2nd-Order
ButterworthFilter
Frequency(Hz)
5MHz,2nd-OrderButterworthFilterResponse
100k
1M
10M
15
10
5
0
-5
OPA690
www.ti.com
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
SINGLE-SUPPLY ACTIVE FILTERS
both the input and output pins. The midband signal
gain is set to +4 (12dB) in this case. The capacitor to
The high bandwidth provided by the OPA690, while
ground on the noninverting input is intentionally set
operating on a single +5V supply, lends itself well to
larger to dominate input parasitic terms. At a gain of
high-frequency active filter designs. Again, the key
+4, the OPA690 on a single supply will show ~80MHz
additional requirement is to establish the dc operating
small-
and
large-signal
bandwidth.
The
resistor
point of the signal near the supply midpoint for
values have been slightly adjusted to account for this
highest dynamic range. See Figure 42 for an example
limited bandwidth in the amplifier stage. Tests of this
design of a 5MHz low-pass Butterworth filter using
circuit show a precise 5MHz,
−3dB point with a
the Sallen-Key topology.
maximally
flat
passband
(above
the
32kHz
ac-coupling corner), and a maximum stop band
Both the input signal and the gain setting resistor are
attenuation of 36dB at the amplifier’s
−3dB bandwidth
ac-coupled using 0.1mF blocking capacitors (actually
of 80MHz.
giving bandpass response with the low-frequency
pole set to 32kHz for the component values shown).
As discussed for Figure 37, this allows the midpoint
bias formed by the two 1.87k
Ω resistors to appear at
Figure 42. Single-Supply, High-Frequency Active Filter
Copyright © 2001–2010, Texas Instruments Incorporated
17
Product Folder Link(s): OPA690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com