Electronic Components Datasheet Search
  English  ▼

X  

AP384XC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP384XC
Description  CURRENT MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP384XC Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP384XC Datasheet HTML 2Page - Diodes Incorporated AP384XC Datasheet HTML 3Page - Diodes Incorporated AP384XC Datasheet HTML 4Page - Diodes Incorporated AP384XC Datasheet HTML 5Page - Diodes Incorporated AP384XC Datasheet HTML 6Page - Diodes Incorporated AP384XC Datasheet HTML 7Page - Diodes Incorporated AP384XC Datasheet HTML 8Page - Diodes Incorporated AP384XC Datasheet HTML 9Page - Diodes Incorporated AP384XC Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CURRENT MODE PWM CONTROLLER
AP384XC
Data Sheet
6
Jul. 2013 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage
VREF
TA=25
oC, I
REF=1mA
4.90
5.00
5.10
V
Total Output Variation
Line, Load, Temp.
4.82
5.18
V
Line Regulation
ΔV
REF
12V
≤ V
CC ≤25V
4
15
mV
Load Regulation
ΔVREF
1mA
≤ IREF ≤20mA
4
15
mV
Short Circuit Output Current
ISC
TA=25
oC
-100
-180
mA
Temperature Stability
(Note 6)
0.3
mV/oC
OSCILLATOR SECTION
Oscillation Frequency
f
TA=25
oC
47
52
57
KHz
Oscillator Amplitude
VOSC
Pin 4, peak to peak (Note 6)
1.7
V
Temperature Stability
(Note 6)
2.5
%
Voltage Stability
12V ≤ VCC ≤ 25V
0.2
1
%
Discharge Current
Vpin 4 =2V(Note 7)
8.5
9.5
10.5
mA
ERROR AMPLIFIER SECTION
Input Voltage
VI
Vpin 1=2.5V
2.45
2.50
2.55
V
Output Sink Current
ISINK
Vpin1=1.1V
5
8
mA
Output Source Current
ISOURCE
Vpin1=5V
-0.5
-0.8
mA
High Output Voltage
VOH
RL=15k
Ω to GND
5
7
V
Low Output Voltage
VOL
RL=15k
Ω to pin 8
0.7
1.1
V
Voltage Gain
2V
≤ VO ≤ 4V
65
90
dB
Power Supply Rejection Ratio
PSRR
12V
≤ V
CC ≤ 25V
60
70
dB
CURRENT SENSE SECTION
Maximum Input Signal
VI(MAX)
Vpin1=5V(Note 4)
0.9
1
1.1
V
Gain
GV
(Note 4, 5)
2.85
3
3.15
V/V
Power Supply Rejection Ratio
PSRR
12V
≤ V
CC≤ 25V (Note 4, 6)
70
dB
Delay to Output
Vpin3 = 0 to 2V (Note 6)
150
300
ns
Input Bias Current
IBIAS
-3
-10
μA
OUTPUT SECTION
Low Output Voltage
VOL
ISINK = 20mA
0.1
0.4
V
ISINK = 200mA
1.4
2.2
V
High Output Voltage
VOH
ISOURCE = 20mA
13
14
V
ISOURCE = 200mA
12
13
V
Rise Time
tR
TA=25
oC, C
L=1nF (Note 6)
50
150
ns
Fall Time
tF
TA=25
oC, C
L=1nF (Note 6)
50
150
ns
(VCC=15V, RT=10kΩ CT=3.3nF, TA=25
oC, unless otherwise specified.)
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com