Electronic Components Datasheet Search
  English  ▼

X  

AP384XC Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP384XC
Description  CURRENT MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP384XC Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP384XC Datasheet HTML 3Page - Diodes Incorporated AP384XC Datasheet HTML 4Page - Diodes Incorporated AP384XC Datasheet HTML 5Page - Diodes Incorporated AP384XC Datasheet HTML 6Page - Diodes Incorporated AP384XC Datasheet HTML 7Page - Diodes Incorporated AP384XC Datasheet HTML 8Page - Diodes Incorporated AP384XC Datasheet HTML 9Page - Diodes Incorporated AP384XC Datasheet HTML 10Page - Diodes Incorporated AP384XC Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CURRENT MODE PWM CONTROLLER
AP384XC
Data Sheet
7
Jul. 2013 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
UNDER -VOLTAGE LOCKOUT SECTION
Start Threshold
VTH(ST)
AP3842C/AP3844C
15
16
17
V
AP3843C/AP3845C
7.8
8.4
9.0
V
Min. Operation Voltage
(After Turn On)
VOPR
(Min.)
AP3842C/AP3844C
8.5
10.0
11.5
V
AP3843C/AP3845C
7.0
7.6
8.2
V
PWM SECTION
Max. Duty Cycle
D(Max.)
AP3842C/AP3843C
95
97
100
%
D(Max.)
AP3844C/AP3845C
46
48
50
%
Min. Duty Cycle
D(Min.)
0
%
TOTAL STANDBY CURRENT SECTION
Start-up Current
IST
AP3842C/AP3844C, VCC=14V
50
80
μA
AP3843C/AP3845C, VCC=6.5V
50
80
Operating Supply Current
ICC(OPR)
Vpin3=Vpin2=0V
8
12
mA
Zener Voltage
VZ
ICC=25mA
30
34
V
OVER-TEMPERATURE PROTECT SECTION
Shutdown Temperature
TSHUT
(Note 6)
155
oC
Temperature Hysteresis
THYS
(Note 6)
25
oC
A=
, 0
≤ Vpin3 ≤ 0.8V
ΔVPin 3
Note 5: Here gain is defined as:
ΔVPin 1
Note 6: These parameters, although guaranteed, are not 100% tested in production.
Note 7: This parameter is measured with RT=10k
Ω to VREF, it contributes 0.3mA of current to the measured value.
So the total current flowing into the CT pin will be 0.3mA higher than the measured value approximately.
Note 4: Parameters are tested at trip point of latch with Vpin2 = 0.
Figure 4. Basic Test Circuit
1
2
8
7
AP384XC
3
45
6
V
REF
V
CC
OUTPUT
GND
R
T/CT
I
SENSE
V
FB
COMP
V
REF
V
CC
OUTPUT
GND
1K
1W
C
T
5k
I
SENSE
ADJUST
1k
ERROR AMP
ADJUST
4.7k
100k
2N2222
4.7k
R
T
0.1
μF
0.1
μF
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com