Electronic Components Datasheet Search
  English  ▼

X  

AP384XC Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP384XC
Description  CURRENT MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP384XC Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP384XC Datasheet HTML 5Page - Diodes Incorporated AP384XC Datasheet HTML 6Page - Diodes Incorporated AP384XC Datasheet HTML 7Page - Diodes Incorporated AP384XC Datasheet HTML 8Page - Diodes Incorporated AP384XC Datasheet HTML 9Page - Diodes Incorporated AP384XC Datasheet HTML 10Page - Diodes Incorporated AP384XC Datasheet HTML 11Page - Diodes Incorporated AP384XC Datasheet HTML 12Page - Diodes Incorporated AP384XC Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CURRENT MODE PWM CONTROLLER
AP384XC
Data Sheet
9
Jul. 2013 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 9. Error Amplifier Open-Loop Frequency Response
Figure 10. Start-up Current vs. Ambient Temperature
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
Frequency (Hz)
V
CC
=15V, T
A
=25
oC
0
2
4
6
8
1012
141618
0
10
20
30
40
50
60
70
80
AP3842C/44C
Supply Voltage (V)
AP3843C/45C
Figure 11. Start-up Current vs. Supply Voltage
-40
-20
0
20
40
60
80
100
120
30
40
50
60
70
80
90
AP3843C/45C, V
CC
=6.5V
Ambient Temperature (
oC)
AP3842C/44C, V
CC
=14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com