Electronic Components Datasheet Search
  English  ▼

X  

AH276 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH276
Description  COMPLEMENTARY OUTPUT HALL EFFECT LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH276 Datasheet(HTML) 5 Page - Diodes Incorporated

  AH276 Datasheet HTML 1Page - Diodes Incorporated AH276 Datasheet HTML 2Page - Diodes Incorporated AH276 Datasheet HTML 3Page - Diodes Incorporated AH276 Datasheet HTML 4Page - Diodes Incorporated AH276 Datasheet HTML 5Page - Diodes Incorporated AH276 Datasheet HTML 6Page - Diodes Incorporated AH276 Datasheet HTML 7Page - Diodes Incorporated AH276 Datasheet HTML 8Page - Diodes Incorporated AH276 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Nov. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Data Sheet
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Saturation Voltage
VSAT
VCC=3.5V, IO=100mA
0.3
V
IO=350mA
0.35
0.6
V
Output Leakage Current
IOL
VCE=16V
0.1
10
µA
Supply Current
ICC
VCC=16V, Output Open
12
16
mA
Output Rise Time
tr
RL=820Ω, CL=20pF
3.0
10
µs
Output Fall Time
tf
RL=820Ω, CL=20pF
0.3
1.5
µs
Switch Time Differential
∆tRL=820Ω, CL=20pF
3.0
10
µs
Output Zener Breakdown Voltage
VZ
55
V
Thermal Protection Temperature
TSD
178
oC
Thermal Protection Hysteresis
∆TSD
40
oC
(TA=25oC, VCC=14V, unless otherwise specified)
Electrical Characteristics
Parameter
Symbol
Grade
Min
Typ
Max
Unit
Operating Point
BOP
A10
50
Gauss
B
5
70
Gauss
C
100
Gauss
Releasing Point
BRP
A-50
-10
Gauss
B
-70
-5
Gauss
C
-100
Gauss
Hysteresis
BHYS
75
Gauss
Magnetic Characteristics
(TA=25oC)
V
DO (V)
High
Low
B
HYS
V
SAT
0
S
N
B
RP
B
OP
Off-state
On-state
Turn off
Turn on
Magnetic Flux Density (Gauss)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com