Electronic Components Datasheet Search
  English  ▼

X  

AH276 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH276
Description  COMPLEMENTARY OUTPUT HALL EFFECT LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH276 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AH276 Datasheet HTML 2Page - Diodes Incorporated AH276 Datasheet HTML 3Page - Diodes Incorporated AH276 Datasheet HTML 4Page - Diodes Incorporated AH276 Datasheet HTML 5Page - Diodes Incorporated AH276 Datasheet HTML 6Page - Diodes Incorporated AH276 Datasheet HTML 7Page - Diodes Incorporated AH276 Datasheet HTML 8Page - Diodes Incorporated AH276 Datasheet HTML 9Page - Diodes Incorporated AH276 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276
6
Nov. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 4. Basic Test Circuit
Magnetic Characteristics (Continued)
N
S
Marking Side
Figure 5. VDO vs. Magnetic Flux Density
Figure 6. VDOB vs. Magnetic Flux Density
-40
-20
0
20
40
2
4
6
8
10
12
14
16
DOB (V)
V
SAT
V
CC
Magnetic Flux Density B (Gauss)
-40
-20
0
20
40
2
4
6
8
10
12
14
16
DO (V)
V
SAT
V
CC
Magnetic Flux Density B (Gauss)
AH276
V
CC
DO DOB GND
12
3
4
+14V
DO (V
OUT1)
DOB (V
OUT2)
R1
R2
820
Ω
820
Ω
C1
C2
20pF 20pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com