Electronic Components Datasheet Search
  English  ▼

X  

AH276 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH276
Description  COMPLEMENTARY OUTPUT HALL EFFECT LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH276 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH276 Datasheet HTML 1Page - Diodes Incorporated AH276 Datasheet HTML 2Page - Diodes Incorporated AH276 Datasheet HTML 3Page - Diodes Incorporated AH276 Datasheet HTML 4Page - Diodes Incorporated AH276 Datasheet HTML 5Page - Diodes Incorporated AH276 Datasheet HTML 6Page - Diodes Incorporated AH276 Datasheet HTML 7Page - Diodes Incorporated AH276 Datasheet HTML 8Page - Diodes Incorporated AH276 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276
1
Nov. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Data Sheet
General Description
The AH276 is an integrated Hall sensor with output
driver designed for electronic commutation of brush-
less DC motor applications. The device includes an on-
chip Hall sensor for magnetic sensing, an amplifier
that amplifies the Hall voltage, a Schmitt trigger to
provide switching hysteresis for noise rejection, a tem-
perature compensation circuit to compensate the tem-
perature
drift
of
Hall
sensitivity
and
two
complementary open-collector drivers for sinking
large load current. It also includes an internal band-gap
regulator which is used to provide bias voltage for
internal circuits.
Placing the device in a variable magnetic field, if the
magnetic flux density is larger than threshold BOP, the
pin DO will be turned low (on) and pin DOB will be
turned high (off). This output state is held until the
magnetic flux density reverses and falls below BRP,
then causes DO to be turned high (off) and DOB
turned low (on).
AH276 is available in TO-94 (SIP-4L) package.
Features
·
On-Chip Hall Sensor
·
3.5V to 16V Supply Voltage
·
350mA (avg) Output Sink Current
·
Reversed Supply Voltage Protection
·
Build in Over Temperature Protection Function
·
-20oC to 85oC Operating Temperature
·
Low Profile TO-94 (SIP-4L) Package
·
ESD Rating: 300V (Machine Model)
Applications
·
Dual-Coil Brushless DC Motor
·
Dual-Coil Brushless DC Fan
·
Revolution Counting
·
Speed Measurement
Figure 1. Package Type of AH276
TO-94


Similar Part No. - AH276

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH276 ANACHIP-AH276 Datasheet
211Kb / 6P
COMPLEMENTARY PUTPUT HALL EFFENT LATCH
Rev.1.0 Jul 21, 2005
logo
BCD Semiconductor Manuf...
AH276 BCDSEMI-AH276 Datasheet
178Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Anachip Corp
AH276K-PL ANACHIP-AH276K-PL Datasheet
211Kb / 6P
COMPLEMENTARY PUTPUT HALL EFFENT LATCH
Rev.1.0 Jul 21, 2005
logo
Diodes Incorporated
AH276Q DIODES-AH276Q Datasheet
238Kb / 6P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q Rev. 1
AH276Q DIODES-AH276Q Datasheet
188Kb / 8P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev erse
More results

Similar Description - AH276

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3275 ALLEGRO-3275 Datasheet
65Kb / 4P
COMPLEMENTARY-OUTPUT HALL-EFFECT LATCH
logo
Anachip Corp
ATS276 ANACHIP-ATS276 Datasheet
198Kb / 7P
Complementary Output Hall Effect Latch
Rev.B1 Mar 17, 2004
logo
BCD Semiconductor Manuf...
AH276 BCDSEMI-AH276 Datasheet
178Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH277A BCDSEMI-AH277A Datasheet
172Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276Q DIODES-AH276Q Datasheet
238Kb / 6P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q Rev. 1
logo
Unisonic Technologies
H654 UTC-H654_10 Datasheet
125Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276Q DIODES-AH276Q_09 Datasheet
188Kb / 8P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev erse
logo
Nanjing Ouzhuo Technolo...
OH277 OHHALLSENSOR-OH277 Datasheet
190Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH277A DIODES-AH277A Datasheet
857Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
logo
Unisonic Technologies
H654 UTC-H654_15 Datasheet
125Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com