Electronic Components Datasheet Search
  English  ▼

X  

74LVC04A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC04A
Description  HEX BUFFERS WITH OPEN DRAIN OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC04A Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC04A Datasheet HTML 1Page - Diodes Incorporated 74LVC04A Datasheet HTML 2Page - Diodes Incorporated 74LVC04A Datasheet HTML 3Page - Diodes Incorporated 74LVC04A Datasheet HTML 4Page - Diodes Incorporated 74LVC04A Datasheet HTML 5Page - Diodes Incorporated 74LVC04A Datasheet HTML 6Page - Diodes Incorporated 74LVC04A Datasheet HTML 7Page - Diodes Incorporated 74LVC04A Datasheet HTML 8Page - Diodes Incorporated 74LVC04A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74LVC04A
Document number: DS35258 Rev. 3 - 2
5 of 10
www.diodes.com
July 2012
© Diodes Incorporated
74LVC04A
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN to YN
Figure 1
1.65V to1.95V
0.5
4.1
7.5
0.5
8.0
0.5
9.5
ns
2.3V to 2.7V
0.5
3.6
7.0
0.5
7.5
0.5
9.0
2.7V
0.5
3.0
5.3
0.5
5.5
0.5
7.0
3V to 3.6V
0.5
2.5
4.3
0.5
4.5
0.5
6.0
tSK(0)
Output Skew
Time
3V to 3.6V
1.0
1.5
ns
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test
Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Unit
Typ
Typ
Typ
Typ
Cpd
Power dissipation
capacitance per gate
f = 10 MHz
7.0
7.5
8.0
8.6
pF
CI
Input Capacitance
Vi = VCC – or
GND
4
4
4
4
pF
Package Characteristics
Symbol
Parameter
Test Conditions
VCC
Min
Typ
Max
Unit
θJA
Thermal Resistance
Junction-to-Ambient
SO-14
(Note 6)
TBD
oC/W
TSSOP-14
159
θJC
Thermal Resistance
Junction-to-Case
SO-14
(Note 6)
TBD
oC/W
TSSOP-14
25
Note:
6. Test condition for SO-14 and TSSOP-14 : Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com