Electronic Components Datasheet Search
  English  ▼

X  

74LVC04A Datasheet(PDF) 8 Page - Diodes Incorporated

Part # 74LVC04A
Description  HEX BUFFERS WITH OPEN DRAIN OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC04A Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button 74LVC04A Datasheet HTML 2Page - Diodes Incorporated 74LVC04A Datasheet HTML 3Page - Diodes Incorporated 74LVC04A Datasheet HTML 4Page - Diodes Incorporated 74LVC04A Datasheet HTML 5Page - Diodes Incorporated 74LVC04A Datasheet HTML 6Page - Diodes Incorporated 74LVC04A Datasheet HTML 7Page - Diodes Incorporated 74LVC04A Datasheet HTML 8Page - Diodes Incorporated 74LVC04A Datasheet HTML 9Page - Diodes Incorporated 74LVC04A Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
74LVC04A
Document number: DS35258 Rev. 3 - 2
8 of 10
www.diodes.com
July 2012
© Diodes Incorporated
74LVC04A
Package Outline Dimensions (All dimensions in mm.)
Package Type: SO-14
Package Type: TSSOP-14
SO-14
Dim
Min
Max
A
1.47
1.73
A1
0.10
0.25
A2
1.45 Typ
B
0.33
0.51
D
8.53
8.74
E
3.80
3.99
e
1.27 Typ
H
5.80
6.20
L
0.38
1.27
θ
0
°
8
°
All Dimensions in mm
TSSOP-14
Dim
Min
Max
a1
7° (4X)
a2
0
°
8°
A
4.9
5.10
B
4.30
4.50
C
⎯
1.2
D
0.8
1.05
F
1.00 Typ
F1
0.45
0.75
G
0.65 Typ
K
0.19
0.30
L
6.40 Typ
All Dimensions in mm
E
H
A
A2
e
D
A1
L
Gauge Plane
Detail “A”
Detail “A”
7°(
4x)
θ
B
G
L
A
K
a1
D
C
F
F1
Pin#1Indent
Detail ‘A’
Detail ‘A’
Gauge Plane
Seating Plane
B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com