Electronic Components Datasheet Search
  English  ▼

X  

74LVC04A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LVC04A
Description  HEX BUFFERS WITH OPEN DRAIN OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC04A Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC04A Datasheet HTML 1Page - Diodes Incorporated 74LVC04A Datasheet HTML 2Page - Diodes Incorporated 74LVC04A Datasheet HTML 3Page - Diodes Incorporated 74LVC04A Datasheet HTML 4Page - Diodes Incorporated 74LVC04A Datasheet HTML 5Page - Diodes Incorporated 74LVC04A Datasheet HTML 6Page - Diodes Incorporated 74LVC04A Datasheet HTML 7Page - Diodes Incorporated 74LVC04A Datasheet HTML 8Page - Diodes Incorporated 74LVC04A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74LVC04A
Document number: DS35258 Rev. 3 - 2
4 of 10
www.diodes.com
July 2012
© Diodes Incorporated
74LVC04A
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-level Input
Voltage
1.65V to 1.95V
0.65 X VCC
0.65 X VCC
V
2.3V to 2.7V
1.7
1.6
2.7V to 3.6V
2.0
2.0
4.5V to 5.5V
0.7 X VCC
2.0
VIL
Low-level input
voltage
1.65V to 1.95V
0.35 X VCC
0.35 X VCC
V
2.3V to 2.7V
0.7
0.7
2.7V to 3.6V
0.8
0.8
4.5V to 5.5V
0.3 X VCC
0.3 X VCC
VOH
High Level
Output Voltage
IOH = -100μA
1.65V to 3.6V
VCC – 0.2
VCC – 0.3
V
IOH = -4mA
1.65V
1.2
IOH = -8mA
2.3V
1.9
IOH = -12mA
2.7V
2.2
2.05
3.0V
2.3
2.1
IOH = -24mA
3.0V
2.2
2.0
VOL
High-level
Output Voltage
IOH = 100μA
1.65V to 5.5V
0.2
0.3
V
IOH = 4mA
1.65V
0.45
0.6
IOH = 8mA
2.3V
0.70
0.85
IOH = 12mA
2.7V
0.40
0.6
3.0V
0.55
0.6
IOH =-24mA
3.0V
0.55
0.6
II
Input Current
VI =GND to 5.5V
3.6V
±5
±20
μA
IOFF
Power Down
Leakage
Current
VI or VO = 0V to
3.6V
0
10
20
μA
ICC
Supply Current
VI = GND or VCC
IO = 0
3.6V
10
40
μA
ΔICC
Additional
Supply Current
One input at VCC –
0.6V Other
2.7V to 3.6V
500
5000
μA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com