Electronic Components Datasheet Search
  English  ▼

X  

PKB4113CPI Datasheet(PDF) 4 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 4 Page - Ericsson

  PKB4113CPI Datasheet HTML 1Page - Ericsson PKB4113CPI Datasheet HTML 2Page - Ericsson PKB4113CPI Datasheet HTML 3Page - Ericsson PKB4113CPI Datasheet HTML 4Page - Ericsson PKB4113CPI Datasheet HTML 5Page - Ericsson PKB4113CPI Datasheet HTML 6Page - Ericsson PKB4113CPI Datasheet HTML 7Page - Ericsson PKB4113CPI Datasheet HTML 8Page - Ericsson PKB4113CPI Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
1 (31)
Prepared (also subject responsible if other)
No.
ESHUHAN
2/1301-BMR 655 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Betty Wu)
EZHEWNG
2009-2-18
H
Absolute Maximum Ratings
Characteristics
min
typ
max
Unit
Tp1
Operating Temperature (see Thermal Consideration section)
-40
+125
°C
TS
Storage temperature
-55
+125
°C
VI
Input voltage
-0.5
+80
V
Viso
Isolation voltage (input to output test voltage), see note 1
1500
Vdc
Vtr
Input voltage transient (Tp 100 ms)
100
V
VRC
Remote Control pin voltage
(see Operating Information section)
Positive logic option
0
16
V
Negative logic option
0
16
V
Vadj
Adjust pin voltage (see Operating Information section)
-0.5
2xVoi
V
Stress in excess of Absolute Maximum Ratings may cause permanent damage. Absolute Maximum Ratings, sometimes referred to as no destruction limits, are
normally tested with one parameter at a time exceeding the limits in the Electrical Specification. If exposed to stress above these limits, function and performance
may degrade in an unspecified manner.
Note 1: Isolation voltage (input/output to base-plate) max 750Vdc.
Fundamental Circuit Diagram
Vadj
-In
+In
+Out
-Out
Driver
Control
Driver
RC
Auxillary
Supply
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com