Electronic Components Datasheet Search
  English  ▼

X  

PKB4113CPI Datasheet(PDF) 41 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 41 Page - Ericsson

Back Button PKB4113CPI Datasheet HTML 35Page - Ericsson PKB4113CPI Datasheet HTML 36Page - Ericsson PKB4113CPI Datasheet HTML 37Page - Ericsson PKB4113CPI Datasheet HTML 38Page - Ericsson PKB4113CPI Datasheet HTML 39Page - Ericsson PKB4113CPI Datasheet HTML 40Page - Ericsson PKB4113CPI Datasheet HTML 41Page - Ericsson PKB4113CPI Datasheet HTML 42Page - Ericsson PKB4113CPI Datasheet HTML 43Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
Ericsson Internal
PROD. SPECIFICATION MECHANICAL
1 (4)
Prepared (also subject responsible if other)
No.
MICJAN
5/1301-BMR 655 Uen
Approved
Checked
Date
Rev
Reference
MPM/BK/P [Natalie Johansson]
See §1
2007-05-29
B
Soldering Information - Surface Mounting
The surface mount version of the product is intended for
convection or vapor phase reflow SnPb and Pb-free
processes. To achieve a good and reliable soldering result,
make sure to follow the recommendations from the solder
paste supplier, to use state-of-the-art reflow equipment and
reflow profiling techniques as well as the following guidelines.
A no-clean flux is recommended to avoid entrapment of
cleaning fluids in cavities inside the product or between the
product and the host board. The cleaning residues may affect
long time reliability and isolation voltage.
Minimum Pin Temperature Recommendations
Pin number 4 is chosen as reference location for the minimum
pin temperature recommendations since this will likely be the
coolest solder joint during the reflow process.
Pin 4 for measurement of minimum
solder joint temperature, TPIN
Pin 2 for measurement of maximum
peak product reflow temperature, T
P
SnPb solder processes
For SnPb solder processes, a pin temperature (TPIN) in excess
of the solder melting temperature, (TL, +183°C for Sn63/Pb37)
for more than 30 seconds, and a peak temperature of +210°C
is recommended to ensure a reliable solder joint.
Lead-free (Pb-free) solder processes
For Pb-free solder processes, a pin temperature (TPIN) in
excess of the solder melting temperature (TL, +217 to +221°C
for Sn/Ag/Cu solder alloys) for more than 30 seconds, and a
peak temperature of +235°C on all solder joints is
recommended to ensure a reliable solder joint.
Peak Product Temperature Requirements
Pin number 2 is chosen as reference location for the
maximum (peak) allowed product temperature (TP) since this
will likely be the warmest part of the product during the reflow
process.
To avoid damage or performance degradation of the product,
the reflow profile should be optimized to avoid excessive
heating. A sufficiently extended preheat time is recommended
to ensure an even temperature across the host PCB, for both
small and large devices. To reduce the risk of excessive
heating is also recommended to reduce the time in the reflow
zone as much as possible.
SnPb solder processes
For SnPb solder processes, the product is qualified for MSL 1
according to IPC/JEDEC standard J-STD-020C.
During reflow, TP must not exceed +225°C at any time.
Lead-free (Pb-free) solder processes
For Pb-free solder processes, the product is qualified for
MSL 3 according to IPC/JEDEC standard J-STD-020C.
During reflow, TP must not exceed +260°C at any time.
25 °C
Time
Temperature
Ramp-down
(cooling)
Ramp-up
Reflow
Preheat
Time 25 °C to peak
T
P
T
L
Reflow process specifications
Sn/Pb eutectic
Pb-free
Average ramp-up rate
3°C/s max
3°C/s max
Solder melting
temperature (typical)
TL
+183°C
+221°C
Minimum time above TL
30 s
30 s
Minimum pin temperature
TPIN
+210°C
+235°C
Peak product temperature
TP
+225°C
+260°C
Average ramp-down rate
6°C/s max
6°C/s max
Time 25°C to peak
6 minutes max
8 minutes max
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com