Electronic Components Datasheet Search
  English  ▼

X  

PKB4113CPI Datasheet(PDF) 42 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 42 Page - Ericsson

Back Button PKB4113CPI Datasheet HTML 35Page - Ericsson PKB4113CPI Datasheet HTML 36Page - Ericsson PKB4113CPI Datasheet HTML 37Page - Ericsson PKB4113CPI Datasheet HTML 38Page - Ericsson PKB4113CPI Datasheet HTML 39Page - Ericsson PKB4113CPI Datasheet HTML 40Page - Ericsson PKB4113CPI Datasheet HTML 41Page - Ericsson PKB4113CPI Datasheet HTML 42Page - Ericsson PKB4113CPI Datasheet HTML 43Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
Ericsson Internal
PROD. SPECIFICATION MECHANICAL
2 (4)
Prepared (also subject responsible if other)
No.
MICJAN
5/1301-BMR 655 Uen
Approved
Checked
Date
Rev
Reference
MPM/BK/P [Natalie Johansson]
See §1
2007-05-29
B
Soldering Information – Through Hole Mounting
The through hole mount version of the product is intended for
manual or wave soldering. When wave soldering is used, the
temperature on the pins is specified to maximum 270°C for
maximum 10 seconds.
A maximum preheat rate of 4°C/s and a temperature of max
+150°C is suggested. When soldering by hand, care should
be taken to avoid direct contact between the hot soldering iron
tip and the pins for more than a few seconds in order to
prevent overheating.
A no-clean flux is recommended to avoid entrapment of
cleaning fluids in cavities inside the product or between the
product and the host board. The cleaning residues may affect
long time reliability and isolation voltage.
Delivery Package Information, Surface Mount
Version
The surface mount versions of the products are delivered in
antistatic injection molded trays (Jedec design guide 4.10D
standard.
Tray Specifications
Material
PPE, Antistatic
Surface resistance
10
5 < Ohm/square < 1012
Bakability
The trays can be baked at maximum
125°C for 48 hours
Tray capacity
20 products/tray
Tray thickness
14.4 mm [0.567 inch]
Box capacity
100 products (5 full trays/box)
Tray weight
110 g empty, 530 g full tray
Dry Pack Information
The surface mount versions of the products are delivered in
trays These inner shipment containers are dry packed in
standard moisture barrier bags according to IPC/JEDEC
standard J-STD-033 (Handling, packing, shipping and use of
moisture/reflow sensitivity surface mount devices).
Using products in high temperature Pb-free soldering
processes requires dry pack storage and handling. In case the
products have been stored in an uncontrolled environment
and no longer can be considered dry, the modules must be
baked according to J-STD-033.
Delivery Package Information, Through Hole
versions
The products are delivered in antistatic trays.
Tray Specifications
Material
PE foam, antistatic.
Surface resistance
10
5 < Ohm/square < 1012
Bakability
The trays are not bakable
Tray capacity
25 products/tray
Tray thickness Open
Frame version
18 mm [0.71 inch]
Tray thickness Base
Plate version
22 mm [0.87 inch]
Box capacity Open
Frame version
100 products (4 full trays/box)
Box capacity Base Plate
version
50 products (2 full trays/box)
Tray weight Open Frame
version
30 g empty, 550 g full tray
Tray weight Base Plate
version
40 g empty, 1040 g full tray
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com