Electronic Components Datasheet Search
  English  ▼

X  

PMF87EN Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMF87EN
Description  30 V, single N-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMF87EN Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMF87EN Datasheet HTML 3Page - NXP Semiconductors PMF87EN Datasheet HTML 4Page - NXP Semiconductors PMF87EN Datasheet HTML 5Page - NXP Semiconductors PMF87EN Datasheet HTML 6Page - NXP Semiconductors PMF87EN Datasheet HTML 7Page - NXP Semiconductors PMF87EN Datasheet HTML 8Page - NXP Semiconductors PMF87EN Datasheet HTML 9Page - NXP Semiconductors PMF87EN Datasheet HTML 10Page - NXP Semiconductors PMF87EN Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NXP Semiconductors
PMF87EN
30 V, single N-channel Trench MOSFET
PMF87EN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
1 August 2012
7 / 14
VDS (V)
0
4
3
1
2
017aaa726
3.4
1.7
5.1
6.8
ID
(A)
0
10 V
4.5 V
4 V
VGS = 3.4 V
3.2 V
3 V
2.8 V
2.5 V
Tj = 25 °C
Fig. 6. Output characteristics: drain current as a
function of drain-source voltage; typical values
017aaa156
VGS (V)
0.0
3.0
2.0
1.0
10- 4
10- 5
10- 3
ID
(A)
10- 6
(1)
(3)
(2)
Tj = 25 °C; VDS = 5 V
(1) minimum values
(2) typical values
(3) maximum values
Fig. 7. Sub-threshold drain current as a function of
gate-source voltage
ID (A)
0
2
4
6
7
5
3
1
017aaa727
100
200
300
RDSon
(mΩ)
0
2.8 V
3 V
3.2 V
3.4 V
3.5 V
4 V
VGS = 10 V
4.5 V
Tj = 25 °C
Fig. 8. Drain-source on-state resistance as a function
of drain current; typical values
017aaa728
VGS (V)
0
12
8
4
200
100
300
400
RDSon
(mΩ)
0
Tj = 25 °C
Tj = 150 °C
ID = 1.7 A
Fig. 9. Drain-source on-state resistance as a function
of gate-source voltage; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com