Electronic Components Datasheet Search
  English  ▼

X  

PMF87EN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMF87EN
Description  30 V, single N-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMF87EN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMF87EN Datasheet HTML 4Page - NXP Semiconductors PMF87EN Datasheet HTML 5Page - NXP Semiconductors PMF87EN Datasheet HTML 6Page - NXP Semiconductors PMF87EN Datasheet HTML 7Page - NXP Semiconductors PMF87EN Datasheet HTML 8Page - NXP Semiconductors PMF87EN Datasheet HTML 9Page - NXP Semiconductors PMF87EN Datasheet HTML 10Page - NXP Semiconductors PMF87EN Datasheet HTML 11Page - NXP Semiconductors PMF87EN Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NXP Semiconductors
PMF87EN
30 V, single N-channel Trench MOSFET
PMF87EN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
1 August 2012
8 / 14
VGS (V)
0
4
3
1
2
017aaa729
3.4
1.7
5.1
6.8
ID
(A)
0
Tj = 150 °C
Tj = 25 °C
VDS > ID × RDSon
Fig. 10. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Tj (°C)
-60
180
120
0
60
017aaa730
1.0
1.2
0.8
1.4
1.6
a
0.6
Fig. 11. Normalized drain-source on-state resistance
as a function of junction temperature; typical
values
Tj (°C)
-60
180
120
0
60
017aaa511
1
2
3
VGS(th)
(V)
0
(1)
(2)
(3)
ID = 0.25 mA; VDS = VGS
(1) maximum values
(2) typical values
(3) minimum values
Fig. 12. Gate-source threshold voltage as a function of
junction temperature
VDS (V)
10-1
102
10
1
017aaa512
102
10
103
C
(pF)
1
(1)
(2)
(3)
f = 1 MHz; VGS = 0 V
(1) Ciss
(2) Coss
(3) Crss
Fig. 13. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com