Electronic Components Datasheet Search
  English  ▼

X  

PMF87EN Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PMF87EN
Description  30 V, single N-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMF87EN Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PMF87EN Datasheet HTML 6Page - NXP Semiconductors PMF87EN Datasheet HTML 7Page - NXP Semiconductors PMF87EN Datasheet HTML 8Page - NXP Semiconductors PMF87EN Datasheet HTML 9Page - NXP Semiconductors PMF87EN Datasheet HTML 10Page - NXP Semiconductors PMF87EN Datasheet HTML 11Page - NXP Semiconductors PMF87EN Datasheet HTML 12Page - NXP Semiconductors PMF87EN Datasheet HTML 13Page - NXP Semiconductors PMF87EN Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NXP Semiconductors
PMF87EN
30 V, single N-channel Trench MOSFET
PMF87EN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
1 August 2012
11 / 14
sot323_fw
3.65 2.1
1.425
(3×)
4.6
09
(2×)
2.575
1.8
solder lands
solder resist
occupied area
preferred transport
direction during soldering
Dimensions in mm
Fig. 20. Wave soldering footprint for SOT323 (SC-70)
11. Revision history
Table 8.
Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
PMF87EN v.1
20120801
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com