Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4521 Datasheet(HTML) 3 Page - Texas Instruments

  THS4521 Datasheet HTML 1Page - Texas Instruments THS4521 Datasheet HTML 2Page - Texas Instruments THS4521 Datasheet HTML 3Page - Texas Instruments THS4521 Datasheet HTML 4Page - Texas Instruments THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
THS4531
www.ti.com
SLOS358B – SEPTEMBER 2011 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS: VS = 2.7 V
Test conditions at TA = 25°C, VS+ = 2.7 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP, RF = 2 kΩ, RL = 2 kΩ differential, G = 1 V/V,
single-ended input, differential output, and input and output referenced to mid-supply, unless otherwise noted.
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
AC PERFORMANCE
VOUT = 100 mVPP, G = 1
34
VOUT = 100 mVPP, G = 2
16
Small-signal bandwidth
MHz
VOUT = 100 mVPP, G = 5
6
VOUT = 100 mVPP, G = 10
2.7
Gain-bandwidth product
VOUT = 100 mVPP, G = 10
27
MHz
Large-signal bandwidth
VOUT = 2 VPP, G = 1
34
MHz
Bandwidth for 0.1-dB flatness
VOUT = 2 VPP, G = 1
12
MHz
Slew rate, rise/fall, 25% to 75%
190/320
V/µs
Rise/fall time, 10% to 90%
5.2/6.1
ns
Settling time to 1%, rise/fall
25/20
VOUT = 2-V step
ns
Settling time to 0.1%, rise/fall
60/60
Settling time to 0.01%, rise/fall
150/110
ns
Overshoot/undershoot, rise/fall
1/1
%
f = 1 kHz, VOUT = 1 VRMS
–122
C
2nd-order harmonic distortion
f = 10 kHz
–127
dBc
f = 1 MHz
–59
f = 1 kHz, VOUT = 1 VRMS
–130
3rd-order harmonic distortion
f = 10 kHz
–135
dBc
f = 1 MHz
–70
2nd-order intermodulation
–83
f = 1 MHz, 200-Hz tone spacing,
distortion
dBc
VOUT envelope = 1 VPP
3rd-order intermodulation distortion
–81
Input voltage noise
f = 1 kHz
10
nV/
√Hz
Voltage noise 1/f corner frequency
45
Hz
Input current noise
f = 100 kHz
0.25
pA/
√Hz
Current noise 1/f corner frequency
6.5
kHz
Overdrive recovery time
Overdrive = 0.5 V
65
ns
Output balance error
VOUT = 100 mV, f = 1 MHz
–65
dB
Closed-loop output impedance
f = 1 MHz (differential)
2.5
Ω
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at +25°C; over temperature limits by characterization and
simulation. (B) Not tested in production; limits set by characterization and simulation. (C) Typical value only for information.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS4531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com