Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4521 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments THS4521 Datasheet HTML 10Page - Texas Instruments THS4521 Datasheet HTML 11Page - Texas Instruments THS4521 Datasheet HTML 12Page - Texas Instruments THS4521 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
1
3
2
4
5
6
7
8
V
IN-
V
OCM
V
S+
V
OUT+
V
IN+
PD
V
S-
V
OUT-
5
10
1
3
2
4
6
7
8
9
NC
V
OUT-
PD
V
IN+
V
OUT+
NC
V
OCM
V
IN-
V
S+
V
S-
THS4531
www.ti.com
SLOS358B – SEPTEMBER 2011 – REVISED MARCH 2012
DEVICE INFORMATION
PIN CONFIGURATIONS
THS4531
THS4531
SOIC-8 (D), VSSOP-8 (DGK) PACKAGE (TOP VIEW)
WQFN-10 (RUN) PACKAGE (TOP VIEW)
PIN FUNCTIONS
NUMBER
NAME
DESCRIPTION
THS4531 D, DGK PACKAGE
1
VIN–
Inverted (negative) output feedback
2
VOCM
Common-mode voltage input
3
VS+
Amplifier positive power-supply input
4
VOUT+
Noninverted amplifier output
5
VOUT–
Inverted amplifier output
6
VS–
Amplifier negative power-supply input. Note VS– tied together on multichannel devices.
7
PD
Power-down, PD = logic low = low power mode, PD = logic high = normal operation (PIN MUST BE DRIVEN)
8
VIN+
Noninverted amplifier input
THS4531 RUN PACKAGE
1
VOUT–
Inverted amplifier output
2, 8
NC
No internal connection
3
PD
Power-down, PD = logic low = low power mode, PD = logic high = normal operation (PIN MUST BE DRIVEN)
4
VIN+
Noninverted amplifier input
5
VS–
Amplifier negative power-supply input. Note VS– tied together on multichannel devices.
6
VIN–
Inverting amplifier input
7
VOCM
Common-mode voltage input
9
VOUT+
Noninverted amplifier output
10
VS+
Amplifier positive power-supply input
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com