Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA656 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 2Page - Texas Instruments OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
0.5
1
1.5
2
2.5
3
3.5
4
VO -OutputVoltageSwing-VPP
G=2,
RF =499 ,
W
CF =8.2pF,
f=4MHz
HD3,RL =100 W
HD2,RL =1kW
HD3,RL =1kW
HD2,RL =100 W
−90
−80
−70
−60
−50
−40
−30
1 M
10 M
100 M
f − Frequency − Hz
Gain = 2
RF = 499 Ω,
CF = 8.2 pF
VO = 2 VPP
RL = 100 Ω
RL = 1 kΩ
-1 10
-100
-90
-80
-70
-60
-50
-40
-30
1M
10M
100M
f-Frequency-Hz
Gain=2
RF =499 W
CF =8.2pF
VO =2VPP
RL =100 W
RL =1kW
−10
0
10
20
30
40
50
60
70
80
90
1 k
10 k
100 k
1 M
10 M 100 M
1 G
f − Frequency − Hz
−200
−175
−150
−125
−100
−75
−50
−25
0
25
50
0
200
400
600
800
1000
1200
0
2
4
6
8
10
12
VO − Output Voltage − VPP
G = 5,
RF = 499 Ω,
RG = 124 Ω
72
73
74
75
76
77
78
79
80
81
82
−40 −30−20 −10 0 10 20 30 40 50 60 70 80 90
TC − Case Temperature − °C
9
9.5
10
10.5
11
11.5
12
0
2
4
6
8
10
12
14
16
TA = 85°C
TA = 25°C
VS − Supply Voltage − +V
TA = −40°C
1
10
100
10
100
1 k
10 k
100 k
f − Frequency − Hz
0
100
200
300
400
500
600
700
800
−40 −30 −20−10 0 10 20 30 40 50 60 70 80 90
TA − Free-Air Temperature − °C
THS4631
SLOS451B
– DECEMBER 2004 – REVISED AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS (
±15 V GRAPHS) (continued)
TA = 25°C, G = 2, RF = 499 Ω, RL = 1 kΩ, Unless otherwise noted.
SECOND ORDER
THIRD ORDER
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
OUTPUT VOLTAGE SWING
Figure 7.
Figure 8.
Figure 9.
SLEW RATE
OPEN-LOOP GAIN
OPEN-LOOP GAIN AND PHASE
vs
vs
vs
OUTPUT VOLTAGE
TEMPERATURE
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
INPUT VOLTAGE
QUIESCENT CURRENT
INPUT BIAS CURRENT
vs
vs
vs
FREQUENCY
SUPPLY VOLTAGE
TEMPERATURE
Figure 13.
Figure 14.
Figure 15.
6
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com