Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA656 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
65
70
75
80
85
10 k
100 k
1 M
10 M
1 G
f − Frequency − Hz
VS = ±15 V
RL = 1 k
RF = 10 k
CS = 100 PF
CF = 3 PF
CS = 18 PF
CF = 2 PF
CS = 47 PF
CF = 2.2 PF
50 W
50 W
RS
VS
C1
C2
IO
Network Analizer
I
O
V
S
(s) +
1
2 R
S
1 )
C1
C2
(Above the Pole Frequency)
I
O
V
S
(s) +
s
2 R
S
1)
C1
C2
s )
1
2 R
S C1)C2
85
90
95
100
105
10 k
100 k
1 M
10 M
1 G
f − Frequency − Hz
VS = ±15 V
RL = 1 k
RF = 100 k
CS = 47 PF
CF = 0.7 PF
CS = 100 PF
CF = 1 PF
CS = 18 PF
CF = 0.5 PF
1
2 R
S (C1 ) C2)
1
2 R
S
1 )
C1
C2
95
100
110
120
10 k
100 k
1 M
10 M
f − Frequency − Hz
125
VS = ±15 V
RL = 1 k
RF = 1 M
115
105
CS = 18 PF
CF = 0 PF
CS = 47 PF
CF = 0.2 PF
CS = 100 PF
CF = 0.2 PF
Z
O(s) +
C1
) C2
C1
C2
s
)
1
2 R
S C1)C2
s s
)
1
2 R
S
C1
Z
O [
1
s C2
THS4631
www.ti.com
SLOS451B
– DECEMBER 2004 – REVISED AUGUST 2011
Table 1. Transimpedance Performance Summary
is difficult to measure the frequency response with
for Various Configurations (continued)
traditional laboratory equipment because the circuit
requires a current as an input rather than a voltage.
10-k
Ω TRANSIMPEDANCE RESPONSES
Also, the capacitance of the current source has a
direct effect on the frequency response. A simple
interface circuit can be used to emulate a capacitive
current source with a network analyzer. With this
circuit, trans- impedance bandwidth measurements
are simplified, making amplifier evaluation easier and
faster.
Figure 35.
A.
The interface network creates a capacitive,
100-k
Ω TRANSIMPEDANCE RESPONSES
constant current source from a network
analyzer
and
properly
terminates
the
network analyzer at high frequencies.
Figure 38. Emulating a Capacitive Current Source
With a Network Analyzer
The
transconductance
transfer
function
of
the
interface circuit is:
(3)
The transfer function contains a zero at dc and a pole
Figure 36.
1-M
Ω TRANSIMPEDANCE RESPONSES
at:
. The transconductance is constant
at:
,
above
the
pole
frequency,
providing a controllable ac-current source. This circuit
also properly terminates the network analyzer with 50
Ω at high frequencies. The second requirement for
this current source is to provide the desired output
impedance, emulating the output impedance of a
photodiode or other current source. The output
impedance of this circuit is given by:
Figure 37.
(4)
Assuming C1
>> C2, the equation reduces to:
MEASURING TRANSIMPEDANCE
BANDWIDTH
, giving the appearance of a capacitive
While there is no substitute for measuring the
source at a higher frequency.
performance of a particular circuit under the exact
conditions that are used in the application, the
Capacitor values should be chosen to satisfy two
complete
system
environment
often
makes
requirements. First, C2 represents the anticipated
measurements harder. For transimpedance circuits, it
capacitance of the true source. Second C1 is chosen
Copyright
© 2004–2011, Texas Instruments Incorporated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com