Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA656 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
−300
−200
−100
0
100
200
300
25
35
45
55
65
75
85
TA − Free-Air Temperature − °C
D Package
DDA Package
DGN Package
Referred to 25
°C
0
25
50
75
100
125
150
175
200
225
250
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
TA − Free-Air Temperature − °C
13.2
13.25
13.3
13.35
13.4
13.45
13.5
13.55
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
TC − Case Temperature − °C
VO+
VO−
−125
−100
−75
−50
−25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
80
t − Time− ns
Gain = 2,
CF = 8.2 pF,
VI = 100 mVPP,
RL = 1 kΩ
−1.2
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
1.2
0
10
20
30
40
50
60
70
80
Gain = 2,
CF = 8.2 pF,
VI = 1 VPP,
RL = 1 kΩ
t − Time − ns
84
86
88
90
92
94
96
98
100
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Sink
Source
TC − Case Temperature − °C
-7
-5
-3
-1
1
3
5
7
0
20
40 60
80 100 120 140
180
160
Gain=5,
R =499
,
R =1k
F
L
W
W
10VPP
t-Time-ns
-12
-8
-4
0
4
8
12
10
6
2
-2
-6
-10
0
20
40 60
80 100 120 140
180
160
t-Time-ns
20VPP
Gain=5,
R =499
,
W
R =1kW
F
L
Gain = 2,
CF = 8.2 pF,
VI = 2 VPP,
RL = 1 kΩ
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
t − Time− ns
Gain = 2,
CF = 8.2 pF,
VI = 2 VPP,
RL = 1 kΩ
THS4631
www.ti.com
SLOS451B
– DECEMBER 2004 – REVISED AUGUST 2011
TYPICAL CHARACTERISTICS (
±15 V GRAPHS) (continued)
TA = 25°C, G = 2, RF = 499 Ω, RL = 1 kΩ, Unless otherwise noted.
INPUT OFFSET CURRENT
INPUT OFFSET VOLTAGE
OUTPUT VOLTAGE
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 16.
Figure 17.
Figure 18.
STATIC OUTPUT DRIVE CURRENT
vs
SMALL SIGNAL TRANSIENT
LARGE SIGNAL TRANSIENT
TEMPERATURE
RESPONSE
RESPONSE
Figure 19.
Figure 20.
Figure 21.
LARGE SIGNAL TRANSIENT
LARGE SIGNAL TRANSIENT
LARGE SIGNAL TRANSIENT
RESPONSE
RESPONSE
RESPONSE
Figure 22.
Figure 23.
Figure 24.
Copyright
© 2004–2011, Texas Instruments Incorporated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com