Electronic Components Datasheet Search
  English  ▼

X  

AE305 Datasheet(PDF) 1 Page - RFHIC

Part # AE305
Description  a drive or pre-drive amplifier designed in a low cost SOT-89 package.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE305 Datasheet(HTML) 1 Page - RFHIC

  AE305 Datasheet HTML 1Page - RFHIC AE305 Datasheet HTML 2Page - RFHIC AE305 Datasheet HTML 3Page - RFHIC AE305 Datasheet HTML 4Page - RFHIC AE305 Datasheet HTML 5Page - RFHIC AE305 Datasheet HTML 6Page - RFHIC AE305 Datasheet HTML 7Page - RFHIC AE305 Datasheet HTML 8Page - RFHIC AE305 Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
E-pHEMT MMIC
AE305
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 11
Version 1.3
0B
Product Features
1B
Applications
• 30 ~ 2650MHz
• GaAs E-pHEMT MMIC
• Higher linearity
• Low Noise Figure
• High Max input power
• SOT-89 SMD Type package
• Higher productivity
• Lower manufacturing cost
• Pb Free / RoHS Standard
• Receiver IF Amplifier
• Cellular, GSM, RFID
• Base station
• RF Sub-system
• CATV, Tetra, Satellite system
2B
Description
AE305 is a drive or pre-drive amplifier designed in a low cost SOT-89 package.
This MMIC is based on Gallium Arsenide Enhancement Mode pHEMT which shows low current and high IP3.
It is designed as driver devices for infrastructure equipment in the 30~2650MHz Wireless technologies such as IF, Cellular, GSM
System. The data in this spec sheet is valid only for 50 ohm application.
Electrical Specifications
3B
PARAMETER
UNIT
MIN
TYP
MAX
TYP
REMARK
Operating Frequency(fo)
MHz
30
-
2650
-
-
Small Signal Gain(S21)
dB
-
14.5
13.5
-
14
13
30~1000MHz
30~2650MHz
Input Return Loss(S11)
dB
-
-13
-
-11
-
Output Return Loss(S22)
dB
-
-14
-
-12
-
Output IP3(OIP3)
dBm
35
38
-
30
-
1dB Compression Point(P1dB)
dBm
20
22
-
17
-
Noise Figure(NF)
dB
-
2.5
-
2.6
-
DC Current
mA
-
110
-
48
-
Supply Voltage
V
-
5
-
3.3
-
Note
1. Test conditions unless otherwise noted. Freq=500MHz, Vdd=+5V, T=25℃, 50Ω system
2. OIP3 measured with 2 tones at an output power of +5dBm/tone separated by 1MHz
Absolute Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
REMARK
Device Voltage
V
-
5
7
-
Operating Case Temperature
℃
-40
-
85
-
Storage Temperature
℃
-40
-
150
-
ESD Human Body Model
-
-
Class 1A
-
-
Moisture Sensitivity Level
-
-
MSL1
-
-
Junction Temperature (Tj)
℃
-
-
180
@ quiescent current,
No RF, Tc = 85℃
Thermal Resistance (Rth)
℃/W
-
70
-
Package Type : SOT-89


Similar Part No. - AE305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AE30 ETC2-AE30 Datasheet
85Kb / 1P
CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
RFHIC
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
E-pHEMT
AE308 RFHIC-AE308_14 Datasheet
347Kb / 4P
CATV Amplifier
More results

Similar Description - AE305

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE410 RFHIC-AE410 Datasheet
740Kb / 6P
drive or pre-drive amplifier designed in a low cost SOT-89 package
AE379 RFHIC-AE379 Datasheet
206Kb / 5P
drive or pre-drive amplifier designed in a low cost SOIC-8 package.
AE368 RFHIC-AE368 Datasheet
14Mb / 14P
a drive or pre-drive amplifier designed in a low cost SOIC-8 package.
AE367 RFHIC-AE367 Datasheet
820Kb / 12P
a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE366 RFHIC-AE366_14 Datasheet
239Kb / 5P
a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE362 RFHIC-AE362_14 Datasheet
695Kb / 9P
drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE314 RFHIC-AE314_14 Datasheet
19Mb / 13P
a drive or pre-drive amplifier designed in a low cost SOT-89 package.
logo
Foshan Blue Rocket Elec...
MCR100T FOSHAN-MCR100T Datasheet
727Kb / 6P
Thyristor in a SOT-89 Plastic Package
78L06T FOSHAN-78L06T Datasheet
700Kb / 6P
Voltage Regulator in a SOT-89 Plastic Package
78L09T FOSHAN-78L09T Datasheet
883Kb / 6P
Voltage Regulator in a SOT-89 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com