Electronic Components Datasheet Search
  English  ▼

X  

AE305 Datasheet(PDF) 3 Page - RFHIC

Part # AE305
Description  a drive or pre-drive amplifier designed in a low cost SOT-89 package.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE305 Datasheet(HTML) 3 Page - RFHIC

  AE305 Datasheet HTML 1Page - RFHIC AE305 Datasheet HTML 2Page - RFHIC AE305 Datasheet HTML 3Page - RFHIC AE305 Datasheet HTML 4Page - RFHIC AE305 Datasheet HTML 5Page - RFHIC AE305 Datasheet HTML 6Page - RFHIC AE305 Datasheet HTML 7Page - RFHIC AE305 Datasheet HTML 8Page - RFHIC AE305 Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
E-pHEMT MMIC
AE305
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 11
Version 1.3
Typical Performance @ Voltage = 5V, T=25℃, 50ohm System (Rbias)
Gain vs Frequency
0
5
10
15
20
30
600
1200
1800
2400
3000
Freq(MHz)
Rbias=0Ω
Rbias=5.6Ω
Rbias=12Ω
Input R/L vs Frequency
-20
-15
-10
-5
0
30
600
1200
1800
2400
3000
Freq(MHz)
Rbias=0Ω
Rbias=5.6Ω
Rbias=12Ω
Output R/L vs Frequency
-40
-30
-20
-10
0
30
600
1200
1800
2400
3000
Freq(MHz)
Rbias=0Ω
Rbias=5.6Ω
Rbias=12Ω
Noise Figure vs Frequency
0
1
2
3
4
5
30
600
1200
1800
2400
3000
Freq(MHz)
Rbias=0Ω
Rbias=5.6Ω
Rbias=12Ω
OIP3 vs Frequency
25
30
35
40
45
30
200
400
600
800
1000
Freq(MHz)
Rbias=0Ω
Rbias=5.6Ω
Rbias=12Ω
P1dB vs Frequency
10
15
20
25
30
30
200
400
600
800
1000
Freq(MHz)
Rbias=0Ω
Rbias=5.6Ω
Rbias=12Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com