Electronic Components Datasheet Search
  English  ▼

X  

AE305 Datasheet(PDF) 2 Page - RFHIC

Part # AE305
Description  a drive or pre-drive amplifier designed in a low cost SOT-89 package.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE305 Datasheet(HTML) 2 Page - RFHIC

  AE305 Datasheet HTML 1Page - RFHIC AE305 Datasheet HTML 2Page - RFHIC AE305 Datasheet HTML 3Page - RFHIC AE305 Datasheet HTML 4Page - RFHIC AE305 Datasheet HTML 5Page - RFHIC AE305 Datasheet HTML 6Page - RFHIC AE305 Datasheet HTML 7Page - RFHIC AE305 Datasheet HTML 8Page - RFHIC AE305 Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
E-pHEMT MMIC
AE305
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 11
Version 1.3
Application Circuit @ 30 ~ 1000MHz, 50ohm System
EVB BOM
Description
Reference Designator
Manufacturer
Manufacturer's P/N
CAP, 150pF, 1608
L4
Murata
GRM1885C1H151JA01D
CAP, 300pF, 1608
L2
Murata
GRM1885C1H301JA01D
CAP, 100nF, 1608
C8
Murata
GRM188R71C104KA01D
CAP, 4.7uF, 3216-18
C9
AVX
TAJA475M016RNJ
IND, 470nH, ±10%, 2520, W/W
L3
Taiyo Yuden
LEM2520TR47K
RES, 0Ohm, 1608
C1, C6, Rbias
ROHM
MCR03 EZPJ000
DNP
L1, C2, C3, C4, C5, C7
-
-
Typical Performance
5B
PARAMETER
UNIT
TYPICAL
Operational Frequency Range
MHz
50
500
1000
Small Signal Gain(S21)
dB
14.5
Input Return Loss(S11)
dB
-8
-17
-15
Output Return Loss(S22)
dB
-12
-25
-18
Output IP3(OIP3)
dBm
38
38.5
35
1dB Compression Point(P1dB)
dBm
20
22
21
Noise Figure(NF)
dB
2.4
2.5
2.8
Note
1. Test conditions unless otherwise noted. Freq=30~1000MHz, Vdd=+5V, T=25℃, 50Ω system
2. OIP3 measured with 2 tones at an output power of +5dBm/tone separated by 1MHz
6B
Recommended Bias Resistor Values
Vsupply
Rbias(5V)
Rbias(4.5V)
Rbias(4V)
5V
0Ω
5.6Ω
12Ω
Current
110mA
92mA
75mA
C1
C2
L2
C3
C5
L4
C6
L3
Rbias
C8
C9
L1
C4
C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com