Electronic Components Datasheet Search
  English  ▼

X  

ZMR Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZMR
Description  FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMR Datasheet(HTML) 5 Page - Diodes Incorporated

  ZMR Datasheet HTML 1Page - Diodes Incorporated ZMR Datasheet HTML 2Page - Diodes Incorporated ZMR Datasheet HTML 3Page - Diodes Incorporated ZMR Datasheet HTML 4Page - Diodes Incorporated ZMR Datasheet HTML 5Page - Diodes Incorporated ZMR Datasheet HTML 6Page - Diodes Incorporated ZMR Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZMR Series
Document number: DS32195 Rev. 11 - 2
5 of 7
www.diodes.com
March 2013
© Diodes Incorporated
ZMR Series
Typical Characteristics (cont.)
0
Time (µs)
Line Transient Response
Load Current
010
20
30
40
50
Time (µs)
Load Transient Response
0
10
20
30
40
50
60
70
80
90
10
100
1K
10K
100K
Ripple Frequency (Hz)
100
1K
10K
100K
10
1.0
0.1
0.01
Frequency (Hz)
I= 10mA
V= V
+ 4V
O
IN
OUT
Output Impedance v Frequency
Ripple Rejection v Ripple Frequency
ZMR500
ZMR250
ZMR500
ZMR250
ZMR250
ZMR500
20
40
60
80
100
0
10mA
ZMR500
ZMR250
Vin
0
-0.4
0
-0.4
0.4
0.4
0V
5V
0
0.4
-0.4
0
-0.4
0.4
0
1
2
Power Derating
o
I= 2mA
-50
-25
0
25
50
75 100 125
Temperature (°C)
Io= 10mA
SOT23
Surface Mount Devices
COUT=0
VIN=Vo+4
dVIN/dt=5V/µs
COUT=0
VIN=Vo+4
dIo/dt=1A/µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com