Electronic Components Datasheet Search
  English  ▼

X  

ZMR Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZMR
Description  FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMR Datasheet(HTML) 6 Page - Diodes Incorporated

  ZMR Datasheet HTML 1Page - Diodes Incorporated ZMR Datasheet HTML 2Page - Diodes Incorporated ZMR Datasheet HTML 3Page - Diodes Incorporated ZMR Datasheet HTML 4Page - Diodes Incorporated ZMR Datasheet HTML 5Page - Diodes Incorporated ZMR Datasheet HTML 6Page - Diodes Incorporated ZMR Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZMR Series
Document number: DS32195 Rev. 11 - 2
6 of 7
www.diodes.com
March 2013
© Diodes Incorporated
ZMR Series
Ordering Information
Part Number
Package
Part Mark
Status
Reel Size
(inches)
Quantity
per reel
Tape Width
(mm)
ZMR25HFTA
SOT23
25X
Obsolete
replaced by
ZMR250FTA
7”
3000
8mm
ZMR50HFTA
SOT23
50R
Obsolete
replaced by
ZMR500FTA
7”
3000
8mm
ZMR250FTA
SOT23
25K
Released
7”
3000
8mm
ZMR330FTA
SOT23
330
Released
7”
3000
8mm
ZMR330F-7*
SOT23
330
Released
7”
3000
8mm
ZMR500FTA
SOT23
50K
Released
7”
3000
8mm
*
All TO92 variants (ZMRxxxC) are obsolete. Closest replacements are the ZMRxxxFTA.
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
SOT23
TO92
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11

0°
8°
-
All Dimensions in mm
TO92
Dim
Min
Max
Typ
A
3.45
3.66
—
B
4.27
4.78
—
b
—
—
0.38
c
—
—
0.38
D
—
—
3.87
E
4.32
4.83
—
e
—
—
1.27
e2
2.40
2.90
—
L
12.98 15.00
—
L1
12.80 15.00
—
L2
0.80
-
—
L3
2.00
3.00
—
N
1.22
1.37
—
All Dimensions in mm
A
M
J
L
D
F
B C
H
K
G
K1
 
EJECTION
MARK
LOOSE PRODUCT
TAPED PRODUCT
EJECTION
MARK
B
E
b
e
e
D
N
c
e2
e2
L1
E
L2
L3
A
L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com