Electronic Components Datasheet Search
  English  ▼

X  

ZMR Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZMR
Description  FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMR Datasheet(HTML) 4 Page - Diodes Incorporated

  ZMR Datasheet HTML 1Page - Diodes Incorporated ZMR Datasheet HTML 2Page - Diodes Incorporated ZMR Datasheet HTML 3Page - Diodes Incorporated ZMR Datasheet HTML 4Page - Diodes Incorporated ZMR Datasheet HTML 5Page - Diodes Incorporated ZMR Datasheet HTML 6Page - Diodes Incorporated ZMR Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZMR Series
Document number: DS32195 Rev. 11 - 2
4 of 7
www.diodes.com
March 2013
© Diodes Incorporated
ZMR Series
Typical Characteristics
-50
-25
0
25
50
75 100 125
-50 -25
0
25
50
75 100 125
2.5
2.0
1.5
1.0
0.5
0
Drop-Out Voltage v Temperature
Quiescent Current v Temperature
-50
-25
0
25
50
75 100 125
Temperature ( °C)
Output Voltage Temperature
0
20
40
2
46
8
10 12 14 16 18 20
60
10
30
50
Input Voltage (V)
Quiescent Current v Voltage
28
0.1
1
10
100
27
29
47
48
49
50
30
75
Quiescent Current v Temperature
-50 -25
26
28
025
50
32
30
34
125
100
40
44
48
52
56
60
Output Current
Temperature ( °C)
Temperature ( °C)
Temperature ( °C)
5.00
5.02
4.98
4.96
2.50
2.48
2.46
2.52
ZMR500
ZMR250
Quiescent Current v Output Current
Io=5mA
Vin=Vo+4
Io=5mA
Vin=Vo+4
Io=10mA
Io=0
Vin=Vo+4
Io=0
Vin=Vo+4
Io=0
Vin=Vo+4
Io=0
Vin=Vo+4
Io=10mA
ZMR250
ZMR500
ZMR250
ZMR500
ZMR250
ZMR250
ZMR500
ZMR500



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com