Electronic Components Datasheet Search
  English  ▼

X  

RT230PD Datasheet(PDF) 1 Page - RFHIC

Part # RT230PD
Description  Power Transistor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RT230PD Datasheet(HTML) 1 Page - RFHIC

  RT230PD Datasheet HTML 1Page - RFHIC RT230PD Datasheet HTML 2Page - RFHIC RT230PD Datasheet HTML 3Page - RFHIC RT230PD Datasheet HTML 4Page - RFHIC RT230PD Datasheet HTML 5Page - RFHIC RT230PD Datasheet HTML 6Page - RFHIC RT230PD Datasheet HTML 7Page - RFHIC RT230PD Datasheet HTML 8Page - RFHIC RT230PD Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Power Transistor
RT230PD
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 32
Version 5.2
Product Features
Applications
• 50 ~ 4000 MHz
• 18dB Gain@900MHz
• 34.5dBm P1dB@900MHz
• 47dBm Output IP3
• GaAs HFET
• CDMA,W-CDMA Medium Power Amplifier
• High Linearity Drive Amplifier
• ISM
• MMDS
• Wi-Fi, Wi-Max
Description
The RT230PD is designed for base stations and cell extenders and operating frequency range is from 50 ~ 4000MHz.
RT230PD is GaAs HFET in SP-12 type package which has superior performance against the heat at high temperature for its high
reliability. It also has high efficiency, high gain and has a strong advantage using it as drive device at high frequency.
RT230PD is 100% RF&DC tested.
Electrical Specifications
PARAMETER
UNIT
TYPICAL
Frequency Range
MHz
900
1900
2600
Gain
dB
18
16.5
14.5
Input Return Loss
dB
-15
-20
-20
Output IP3
dBm
47
47
47
1dB Compression Point
dBm
34.5
34.5
34
Channel Power
dBm
27.5
25.5
-
Noise Figure
dB
2.5
2.5
3.0
DC Current
mA
450
450
450
Supply Voltage
VDC
9
9
9
* Test Conditions : (Vd = +9V, Id = 450mA, Ta=+25℃ )
* OIP3 is measured with two tones, at an output power of 20dBm/tone separated by 1MHz
Absolute Maximum Ratings
PARAMETER
UNIT
RATING
SYMBOL
Drain to Source Voltage
V
12
Vds
Gate to Source Voltage Range
V
0 ~ -5.0
Vgs
Power Dissipation
W
7.5
Pt
Storage Temperature
℃
-65 ~ 175
Tstg
Channel Temperature
℃
175
Tch
Package Type : SP-12


Similar Part No. - RT230PD

ManufacturerPart #DatasheetDescription
logo
RFHIC
RT230PD RFHIC-RT230PD Datasheet
427Kb / 22P
Power Transistor
More results

Similar Description - RT230PD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
POWER TRANSISTOR
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
Power Transistor
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
Power Transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
Power Transistor
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com