Electronic Components Datasheet Search
  English  ▼

X  

RT230PD Datasheet(PDF) 31 Page - RFHIC

Part # RT230PD
Description  Power Transistor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RT230PD Datasheet(HTML) 31 Page - RFHIC

Back Button RT230PD Datasheet HTML 24Page - RFHIC RT230PD Datasheet HTML 25Page - RFHIC RT230PD Datasheet HTML 26Page - RFHIC RT230PD Datasheet HTML 27Page - RFHIC RT230PD Datasheet HTML 28Page - RFHIC RT230PD Datasheet HTML 29Page - RFHIC RT230PD Datasheet HTML 30Page - RFHIC RT230PD Datasheet HTML 31Page - RFHIC RT230PD Datasheet HTML 32Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Power Transistor
RT230PD
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
31 / 32
Version 5.2
Package Dimensions (Type: SP-12)
* Unit: mm[inch] | Tolerance ±0.2[.008]
Recommended Pattern
Pin Description
Pin No
Function
Pin No
Function
Pin No
Function
Pin No
Function
1
Output , Bias
4
GND
7
Input
10
GND
2
Output , Bias
5
GND
8
Input
11
GND
3
Output , Bias
6
GND
9
Input
12
GND
Recommended Mounting Configuration
* Mounting Configuration Notes
1. Ground / thermal via holes are critical for the proper performance of
this device.
2. Add as much copper as possible to inner and outer layers near the
part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a
heatsink. Ensure that the ground / thermal via hole region contacts
the heatsink.
4. Do not put solder mask on the backside of the PCB in the region
where the board contacts the heatsink.
5. RF trace width depends upon the PCB material and construction.
6. Use 1 oz. Copper minimum.
◀
Front View
◀
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com