Electronic Components Datasheet Search
  English  ▼

X  

RT230PD Datasheet(PDF) 30 Page - RFHIC

Part # RT230PD
Description  Power Transistor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RT230PD Datasheet(HTML) 30 Page - RFHIC

Back Button RT230PD Datasheet HTML 24Page - RFHIC RT230PD Datasheet HTML 25Page - RFHIC RT230PD Datasheet HTML 26Page - RFHIC RT230PD Datasheet HTML 27Page - RFHIC RT230PD Datasheet HTML 28Page - RFHIC RT230PD Datasheet HTML 29Page - RFHIC RT230PD Datasheet HTML 30Page - RFHIC RT230PD Datasheet HTML 31Page - RFHIC RT230PD Datasheet HTML 32Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Power Transistor
RT230PD
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
30 / 32
Version 5.2
Biasing Circuits for GaAs HFET Power Amplifiers
This circuit below normally operates GaAs Power Amplifier and it is one of the circuits for stable operation and satisfactory
performance. It is structured by the parts for constant current operation.
Main functions of this circuit :
Negative Voltage Generator
Power Sequencing mode(Negative before positive)
Constant operating current
Constant operating current circuit is structured by low cost components. It will operate of constant current regardless of any
temperature changes. R3 should carefully be taken by power dissipation.
Pin No
Value
Description
Maker
Quantity
Q1
N/A
P-channel MOSFET, IRLML5203
IRF
1
Q2
N/A
Dual PNP, UMT1N
Rohm
1
Q3
N/A
DC-DC Converter With Sequency mode, LTC1261
Linear Tech
1
R1
10kΩ
0603, 1/16W
Rohm
1
R2
24Ω
0603, 1/16W
Rohm
1
R3
0.5Ω
1206, 1 W
Rohm
1
R4
1.5KΩ
0603, 1/16W
Rohm
1
R5
1KΩ
0603, 1/16W
Rohm
1
R6
430Ω
0603, 1/16W
Rohm
1
R7
10kΩ
0603, 1/16W
Rohm
1
C1,C2
0.1uF
0603
Murata
1
C3,C4,C5
4.7uF
1206
Taiyo Yuden
3
L1
1uH
0805
Taiyo Yuden
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com