Electronic Components Datasheet Search
  English  ▼

X  

DC1CU25L Datasheet(PDF) 5 Page - Altech corporation

Part # DC1CU25L
Description  Miniature Molded Case Circuit Breakers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC1CU25L Datasheet(HTML) 5 Page - Altech corporation

  DC1CU25L Datasheet HTML 1Page - Altech corporation DC1CU25L Datasheet HTML 2Page - Altech corporation DC1CU25L Datasheet HTML 3Page - Altech corporation DC1CU25L Datasheet HTML 4Page - Altech corporation DC1CU25L Datasheet HTML 5Page - Altech corporation DC1CU25L Datasheet HTML 6Page - Altech corporation DC1CU25L Datasheet HTML 7Page - Altech corporation DC1CU25L Datasheet HTML 8Page - Altech corporation DC1CU25L Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
For ring tongue terminal version, replace “U” with “
R”inpartnumber.Forexample1CR20Linsteadof1CU20L.
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
54
StandardPack:4
Weight:1.7kg(3.74lb.)
Rated
Type/
Current
Cat.No.
0.2A
1DU02L
0.5A
1DU05L
1.0A
1DU1L
1.6A
1DU1.6L
2.0A
1DU2L
3.0A
1DU3L
4.0A
1DU4L
5.0A
1DU5L
6.0A
1DU6L
8.0A
1DU8L
10A
1DU10L
12A
1DU12L
13A
1DU13L
15A
1DU15L
16A
1DU16L
20A
1DU20L
25A
1DU25L
30A
1DU30L
32A
1DU32L
40A
1DU40L
50A
1DU50L
60A
1DU60L
63A
1DU63L
OnePole
Rated
Type/
Current
Cat.No.
0.2A
2DU02L
0.5A
2DU05L
1.0A
2DU1L
1.6A
2DU1.6L
2.0A
2DU2L
3.0A
2DU3L
4.0A
2DU4L
5.0A
2DU5L
6.0A
2DU6L
8.0A
2DU8L
10A
2DU10L
12A
2DU12L
13A
2DU13L
15A
2DU15L
16A
2DU16L
20A
2DU20L
25A
2DU25L
30A
2DU30L
32A
2DU32L
40A
2DU40L
50A
2DU50L
60A
2DU60L
63A
2DU63L
Rated
Type/
Current
Cat.No.
0.2A
3DU02L
0.5A
3DU05L
1.0A
3DU1L
1.6A
3DU1.6L
2.0A
3DU2L
3.0A
3DU3L
4.0A
3DU4L
5.0A
3DU5L
6.0A
3DU6L
8.0A
3DU8L
10A
3DU10L
12A
3DU12L
13A
3DU13L
15A
3DU15L
16A
3DU16L
20A
3DU20L
25A
3DU25L
30A
3DU30L
32A
3DU32L
40A
3DU40L
50A
3DU50L
60A
3DU60L
63A
3DU63L
TwoPole
ThreePole
StandardPack:12
Weight:1.7kg(3.74lb.)
StandardPack:6
Weight:1.7kg(3.74lb.)
ACD-Trip
Characteristics ApplicationExamples:
High inrush motors, transformers, power
supplies, heaters and reactive loads.
Relatively long thermal trip delay and very
high magnetic trip point.
LISTED
FourPole
Pleasecontact
Altech.
E305318
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com