Electronic Components Datasheet Search
  English  ▼

X  

DC1CU25L Datasheet(PDF) 4 Page - Altech corporation

Part # DC1CU25L
Description  Miniature Molded Case Circuit Breakers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC1CU25L Datasheet(HTML) 4 Page - Altech corporation

  DC1CU25L Datasheet HTML 1Page - Altech corporation DC1CU25L Datasheet HTML 2Page - Altech corporation DC1CU25L Datasheet HTML 3Page - Altech corporation DC1CU25L Datasheet HTML 4Page - Altech corporation DC1CU25L Datasheet HTML 5Page - Altech corporation DC1CU25L Datasheet HTML 6Page - Altech corporation DC1CU25L Datasheet HTML 7Page - Altech corporation DC1CU25L Datasheet HTML 8Page - Altech corporation DC1CU25L Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
For ring tongue terminal version, replace “U” with “
R”inpartnumber.Forexample1CR20Linsteadof1CU20L.
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
53
Rated
Type/
Current
Cat.No.
0.2A
1CU02L
0.5A
1CU05L
1.0A
1CU1L
1.6A
1CU1.6L
2.0A
1CU2L
3.0A
1CU3L
4.0A
1CU4L
5.0A
1CU5L
6.0A
1CU6L
8.0A
1CU8L
10A
1CU10L
12A
1CU12L
13A
1CU13L
15A
1CU15L
16A
1CU16L
20A
1CU20L
25A
1CU25L
30A
1CU30L
32A
1CU32L
40A
1CU40L
50A
1CU50L
60A
1CU60L
63A
1CU63L
OnePole
ACC-Trip
Characteristics
Rated
Type/
Current
Cat.No.
0.2A
2CU02L
0.5A
2CU05L
1.0A
2CU1L
1.6A
2CU1.6L
2.0A
2CU2L
3.0A
2CU3L
4.0A
2CU4L
5.0A
2CU5L
6.0A
2CU6L
8.0A
2CU8L
10A
2CU10L
12A
2CU12L
13A
2CU13L
15A
2CU15L
16A
2CU16L
20A
2CU20L
25A
2CU25L
30A
2CU30L
32A
2CU32L
40A
2CU40L
50A
2CU50L
60A
2CU60L
63A
2CU63L
Rated
Type/
Current
Cat.No.
0.2A
3CU02L
0.5A
3CU05L
1.0A
3CU1L
1.6A
3CU1.6L
2.0A
3CU2L
3.0A
3CU3L
4.0A
3CU4L
5.0A
3CU5L
6.0A
3CU6L
8.0A
3CU8L
10A
3CU10L
12A
3CU12L
13A
3CU13L
15A
3CU15L
16A
3CU16L
20A
3CU20L
25A
3CU25L
30A
3CU30L
32A
3CU32L
40A
3CU40L
50A
3CU50L
60A
3CU60L
63A
3CU63L
TwoPole
ThreePole
Application Examples:
Low inrush motors, resistive loads, wiring
protection, receptacles, lighting, and
control circuit applications. Relatively
short thermal trip delay and medium
magnetic trip point.
StandardPack:12
Weight:1.7kg(3.74lb.)
StandardPack:6
Weight:1.7kg(3.74lb.)
StandardPack:4
Weight:1.7kg(3.74lb.)
LISTED
E305318
FourPole
Pleasecontact
Altech.
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com