Electronic Components Datasheet Search
  English  ▼

X  

DC1CU25L Datasheet(PDF) 6 Page - Altech corporation

Part # DC1CU25L
Description  Miniature Molded Case Circuit Breakers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC1CU25L Datasheet(HTML) 6 Page - Altech corporation

Back Button DC1CU25L Datasheet HTML 2Page - Altech corporation DC1CU25L Datasheet HTML 3Page - Altech corporation DC1CU25L Datasheet HTML 4Page - Altech corporation DC1CU25L Datasheet HTML 5Page - Altech corporation DC1CU25L Datasheet HTML 6Page - Altech corporation DC1CU25L Datasheet HTML 7Page - Altech corporation DC1CU25L Datasheet HTML 8Page - Altech corporation DC1CU25L Datasheet HTML 9Page - Altech corporation DC1CU25L Datasheet HTML 10Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
For ring tongue terminal version, replace “U” with “
R”inpartnumber.Forexample1CR20Linsteadof1CU20L.
OnePole
OnePole
C-Trip
D-Trip
TwoPole
TwoPole
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
55
Rated
Type/
Current
Cat.No.
0.2A
DC1DU02L
0.5A
DC1DU05L
1.0A
DC1DU1L
1.6A
DC1DU1.6L
2.0A
DC1DU2L
3.0A
DC1DU3L
4.0A
DC1DU4L
5.0A
DC1DU5L
6.0A
DC1DU6L
8.0A
DC1DU8L
10A
DC1DU10L
12A
DC1DU12L
13A
DC1DU13L
15A
DC1DU15L
16A
DC1DU16L
20A
DC1DU20L
25A
DC1DU25L
30A
DC1DU30L
32A
DC1DU32L
40A
DC1DU40L
50A
DC1DU50L
60A
DC1DU60L
63A
DC1DU63L
Rated
Type/
Current
Cat.No.
0.2A
DC2DU02L
0.5A
DC2DU05L
1.0A
DC2DU1L
1.6A
DC2DU1.6L
2.0A
DC2DU2L
3.0A
DC2DU3L
4.0A
DC2DU4L
5.0A
DC2DU5L
6.0A
DC2DU6L
8.0A
DC2DU8L
10A
DC2DU10L
12A
DC2DU12L
13A
DC2DU13L
15A
DC2DU15L
16A
DC2DU16L
20A
DC2DU20L
25A
DC2DU25L
30A
DC2DU30L
32A
DC2DU32L
40A
DC2DU40L
50A
DC2DU50L
60A
DC2DU60L
63A
DC2DU63L
StandardPack:12
Weight:1.7kg(3.74lb.)
StandardPack:6
Weight:1.7kg(3.74lb.)
Rated
Type/
Current
Cat.No.
0.2A
DC1CU02L
0.5A
DC1CU05L
1.0A
DC1CU1L
1.6A
DC1CU1.6L
2.0A
DC1CU2L
3.0A
DC1CU3L
4.0A
DC1CU4L
5.0A
DC1CU5L
6.0A
DC1CU6L
8.0A
DC1CU8L
10A
DC1CU10L
12A
DC1CU12L
13A
DC1CU13L
15A
DC1CU15L
16A
DC1CU16L
20A
DC1CU20L
25A
DC1CU25L
30A
DC1CU30L
32A
DC1CU32L
40A
DC1CU40L
50A
DC1CU50L
60A
DC1CU60L
63A
DC1CU63L
DCC-&D-Trip
Characteristics
Rated
Type/
Current
Cat.No.
0.2A
DC2CU02L
0.5A
DC2CU05L
1.0A
DC2CU1L
1.6A
DC2CU1.6L
2.0A
DC2CU2L
3.0A
DC2CU3L
4.0A
DC2CU4L
5.0A
DC2CU5L
6.0A
DC2CU6L
8.0A
DC2CU8L
10A
DC2CU10L
12A
DC2CU12L
13A
DC2CU13L
15A
DC2CU15L
16A
DC2CU16L
20A
DC2CU20L
25A
DC2CU25L
30A
DC2CU30L
32A
DC2CU32L
40A
DC2CU40L
50A
DC2CU50L
60A
DC2CU60L
63A
DC2CU63L
Application Examples:
Telecommunication equipment,
computer equipment, uniterruptable
power supplies.
StandardPack:12
Weight:1.7kg(3.74lb.)
StandardPack:6
Weight:1.7kg(3.74lb.)
LISTED
E305318
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com