Electronic Components Datasheet Search
  English  ▼

X  

LM49352 Datasheet(PDF) 48 Page - Texas Instruments

Part # LM49352
Description  Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers Earpiece Driver, and Audio DSP
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49352 Datasheet(HTML) 48 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 44Page - Texas Instruments LM49352 Datasheet HTML 45Page - Texas Instruments LM49352 Datasheet HTML 46Page - Texas Instruments LM49352 Datasheet HTML 47Page - Texas Instruments LM49352 Datasheet HTML 48Page - Texas Instruments LM49352 Datasheet HTML 49Page - Texas Instruments LM49352 Datasheet HTML 50Page - Texas Instruments LM49352 Datasheet HTML 51Page - Texas Instruments LM49352 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 104 page
background image
LM49352
SNAS467D – MARCH 2009 – REVISED JUNE 2010
www.ti.com
Table 28. DAC Basic (0x30h) (continued)
Bits
Field
Description
6:4
DAC_CLK_SEL
This selects the source of the DAC clock domain, DAC_SOURCE_CLK.
DAC_CLK_SEL
Source
000
MCLK
001
PORT1_RX_CLK
010
PORT2_RX_CLK
011
PLL_OUTPUT1
100
PLL_OUTPUT2
7
DSP_ONLY
If set, the DAC's analog circuitry is disabled to reduce power consumption, however DAC DSP
functionality is maintained. This can be used to perform asyncronous resampling between audio rates of
a common family.
Table 29. DAC_CLK_DIV (0x31h)
Bits
Field
Description
7:0
DAC_CLK_DIV
This programs the half cycle divider that precedes the DAC. The input of this divider should be around
12MHz. The default of this divider is 0x03 which gives a division by 2.
Program this divider with the division you want, multiplied by 2, and subtract 1.
DAC_CLK_DIV
Divides by
00000000
1
00000001
1
00000010
1.5
00000011
2 (Default)
—
—
11111101
127
11111110
127.5
11111111
128
Digital Mixer Control Registers
Digital Mixer
The LM49352’s digital mixer allows for flexible routing of digital audio signals between both audio ports, DAC,
and ADC. This mixer handles which digital data path (Port1 RX data, Port2 RX data, or ADC output) is routed to
the DAC input. The digital mixer also selects the appropriate digital data path (Port1 RX data, Port2 RX data,
ADC output, or DAC DSP (Interpolator) output) that is used for data transmission on Audio Port 1 and 2. Audio
inputs to the digital mixer can be attenuated down to -18dB to avoid clipping conditions. The digital mixer also
allows direct routing from the DAC interpolator output to the ADC decimator input which allows the DAC and
ADC DSP blocks to be cascaded witjhout having to enable the analog of the DAC and ADC in order to save
power.
Another key feature of the digital mixer is sample rate conversion (SRC) between audio ports. This allows
simultaneous operation of the dual audio ports even if each port is operating at a different sample rate. The
LM49352 can be used as an audio port bridge with SRC capability. The digital mixer allows either straight pass
through between audio ports or, if desired, DSP effects can be added to the digital audio signal during audio port
bridge operation. The digital mixer automatically handles stereo I2S to mono PCM conversion between audio
ports and vice versa.
48
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com