Electronic Components Datasheet Search
  English  ▼

X  

LM49352 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM49352
Description  Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers Earpiece Driver, and Audio DSP
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49352 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 8Page - Texas Instruments LM49352 Datasheet HTML 9Page - Texas Instruments LM49352 Datasheet HTML 10Page - Texas Instruments LM49352 Datasheet HTML 11Page - Texas Instruments LM49352 Datasheet HTML 12Page - Texas Instruments LM49352 Datasheet HTML 13Page - Texas Instruments LM49352 Datasheet HTML 14Page - Texas Instruments LM49352 Datasheet HTML 15Page - Texas Instruments LM49352 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
LM49352
SNAS467D – MARCH 2009 – REVISED JUNE 2010
www.ti.com
Electrical Characteristics
A_VDD = LS_VDD = 3.3V; HP_VDD = D_VDD = I/O_VDD = 1.8V
(1)(2) (continued)
The following specifications apply for RL(LS) = 8Ω, RL(HP) = 32Ω, f = 1kHz, unless otherwise specified. Limits apply for TA =
25°C.
LM49352
Units
Symbol
Parameter
Conditions
Typical
Limit
(Limit)
(3)
(4)
HEADPHONE AMPLIFIERS
PO = 15mW, f = 1kHz,
THD+N
Total Harmonic Distortion + Noise
RL = 32Ω
0.025
0.1
% (max)
Stereo Analog Input Signal
RL = 32Ω, f = 1kHz, THD+N = 1%,
Stereo Analog Input Signal, In phase
HP_VDD = 2.8V
65
mW
HP_VDD = 1.8V
24
20
mW (min)
PO
Headphone Output Power
RL = 16Ω, f = 1kHz, THD+N = 1%,
Stereo Analog Input Signal, In phase
HP_VDD = 2.8V
73
mW
HP_VDD = 1.8V
24
mW
VRIPPLE = 200mVP-P, fRIPPLE = 217Hz
Mono Input Terminated, Mono gain = 0dB
VREF = 1.0μF, Mono Differential Input Mode,
Ripple applied to AVDD only
100
85
dB (min)
PSRR
Power Supply Rejection Ratio
Ripple applied to AVDD and HPVDD
88
dB
VRIPPLE = 200mVP-P, fRIPPLE = 217Hz
From DAC, DAC gain = 0dB
Ripple applied to AVDD
81
dB
HPVDD, and DVDD
Reference = VOUT (1% THD+N )
Gain = 0dB, A-weighted
98
93
dB (min)
Stereo Inputs Terminated
SNR
Signal to Noise Ratio
Reference = VOUT (1% THD+N)
Gain = 0dB,
97
93
dB (min)
A-weighted, I2S Input = Digital Zero
Gain = 0dB, A-weighted,
11
µV
Stereo Inputs Terminated
eOS
Output Noise
Gain = 0dB, A-weighted,
12
µV
I2S Input = Digital Zero
PO = 7.5mW, f = 1kHz,
XTALK
Crosstalk
RL = 32Ω
85
dB
Stereo Analog Input Signal
ΔACH-CH
Channel-to-Channel Gain Matching
0.03
dB
AUX Gain = 0dB
1.4
6
mV (max)
From mono Input
VOS
Output Offset Voltage
DAC Gain = 0dB
1.6
6
mV (max)
From DAC Input, fMCLK = 12.288MHz
12
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com