Electronic Components Datasheet Search
  English  ▼

X  

LM49352 Datasheet(PDF) 95 Page - Texas Instruments

Part # LM49352
Description  Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers Earpiece Driver, and Audio DSP
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49352 Datasheet(HTML) 95 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 91Page - Texas Instruments LM49352 Datasheet HTML 92Page - Texas Instruments LM49352 Datasheet HTML 93Page - Texas Instruments LM49352 Datasheet HTML 94Page - Texas Instruments LM49352 Datasheet HTML 95Page - Texas Instruments LM49352 Datasheet HTML 96Page - Texas Instruments LM49352 Datasheet HTML 97Page - Texas Instruments LM49352 Datasheet HTML 98Page - Texas Instruments LM49352 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 104 page
background image
LM49352
www.ti.com
SNAS467D – MARCH 2009 – REVISED JUNE 2010
Table 82. GPIO1 (0xE0h) (continued)
Bits
Field
Description
7
GPIO_RX
This bit reports the logic level is present on the GPIO pin.
Table 83. GPIO2 (0xE1h)
Bits
Field
Description
0
SHORT
This bit will go high whenever a short circuit condition occurs on the Class D loudspeaker
amplifier outputs. Once triggered by a short circuit event, an I2C write of 1 to this bit clear this bit.
1
TEMP
This bit will go high whenever the temperature of the LM49352 reaches a critical temperature.
Once triggered by a thermal event, an I2C write of 1 to this bit clear this bit.
Table 84. RESET (0xF0h)
Bits
Field
Description
4:0
RSVD
Reserved.
5
SOFT_RESET
Setting this bit resets the digital core of LM49352. SOFT_RESET does not affect the current I2C
register settings.
Table 85. Spread Spectrum (0xF1h)
Bits
Field
Description
1:0
RSVD
Reserved
2
SS_DISABLE
If this bit is set, Spread Spectrum mode will be disabled from the Class D amplifier.
Table 86. FORCE (0xFE)
Bits
Field
Description
0
RSVD
Reserved
1
DACREF
This bit determines whether the DAC reference voltage is internally generated or externally
driven.
DACREF
STATUS
0
DACREF uses an internal bandgap reference.
1
DACREF is driven by an external voltage reference.
2
CP_FORCE
If set, a -LS_VDD rail will be generated on HP_VSS, even if the headphone output stage is not
required.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
95
Product Folder Links: LM49352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com