Electronic Components Datasheet Search
  English  ▼

X  

L6386AD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6386AD
Description  High voltage high and low-side driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386AD Datasheet(HTML) 1 Page - STMicroelectronics

  L6386AD Datasheet HTML 1Page - STMicroelectronics L6386AD Datasheet HTML 2Page - STMicroelectronics L6386AD Datasheet HTML 3Page - STMicroelectronics L6386AD Datasheet HTML 4Page - STMicroelectronics L6386AD Datasheet HTML 5Page - STMicroelectronics L6386AD Datasheet HTML 6Page - STMicroelectronics L6386AD Datasheet HTML 7Page - STMicroelectronics L6386AD Datasheet HTML 8Page - STMicroelectronics L6386AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
June 2014
DocID14914 Rev 2
1/15
L6386AD
High voltage high and low-side driver
Datasheet
- production data
Features
 High voltage rail up to 600 V
 dV/dt immunity ± 50 V/nsec in full temperature
range
 Driver current capability
– 400 mA source
– 650 mA sink
 Switching times 50/30 nsec rise/fall with 1 nF
load
 CMOS/TTL Schmitt trigger inputs with
hysteresis and pull-down
 Undervoltage lockout on lower and upper
driving section
 Integrated bootstrap diode
 Outputs in phase with inputs
Applications
 Home appliances
 Induction heating
 Industrial applications and drives
 Motor drivers
– SR motors,
– DC, AC, PMDC and PMAC motors
 Asymmetrical half-bridge topologies
 HVAC
 Lighting applications
 Factory automation
 Power supply systems
Description
The L6386AD is a high voltage gate driver,
manufactured with the BCD™ “offline”
technology, and able to drive simultaneously one
high and one low-side power MOS or IGBT
device. The high-side (floating) section is enabled
to work with voltage rail up to 600 V. Both device
outputs can independently sink and source
650 mA and 400 mA respectively and can be
simultaneously driven high.
The L6386AD device provides two input pins, two
output pins and an enable pin (SD), and
guarantees the outputs switch in phase with
inputs. The logic inputs are CMOS/TTL
compatible to ease the interfacing with controlling
devices.
The L6386AD integrates a comparator (inverting
input internally referenced to 0.5 V) that can be
used to protect the device against fault events,
like overcurrent. The DIAG output is a diagnostic
pin, driven by the comparator, and used to signal
a fault event occurrence to the controlling device.
The bootstrap diode is integrated in the driver
allowing a more compact and reliable solution.
The L6386AD device features the UVLO
protection on both supply voltages (VCC and
Vboot) ensuring greater protection against voltage
drops on the supply lines.
The device is available in a SO-14 package, in
tube, and tape and reel packaging.
SO-14
Table 1. Device summary
Order codes
Package
Packaging
L6386AD
SO-14
Tube
L6386AD013TR
SO-14
Tape and reel
www.st.com


Similar Part No. - L6386AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6386AD STMICROELECTRONICS-L6386AD Datasheet
208Kb / 17P
High-voltage high and low side driver
14-Jul-2008
L6386AD013TR STMICROELECTRONICS-L6386AD013TR Datasheet
208Kb / 17P
High-voltage high and low side driver
14-Jul-2008
More results

Similar Description - L6386AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Jul-1999
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2005
L6392 STMICROELECTRONICS-L6392 Datasheet
439Kb / 19P
High-voltage high and low side driver
18-Mar-2008
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
High voltage high and low-side driver
27-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com