Electronic Components Datasheet Search
  English  ▼

X  

L6386AD Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6386AD
Description  High voltage high and low-side driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386AD Datasheet(HTML) 4 Page - STMicroelectronics

  L6386AD Datasheet HTML 1Page - STMicroelectronics L6386AD Datasheet HTML 2Page - STMicroelectronics L6386AD Datasheet HTML 3Page - STMicroelectronics L6386AD Datasheet HTML 4Page - STMicroelectronics L6386AD Datasheet HTML 5Page - STMicroelectronics L6386AD Datasheet HTML 6Page - STMicroelectronics L6386AD Datasheet HTML 7Page - STMicroelectronics L6386AD Datasheet HTML 8Page - STMicroelectronics L6386AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical data
L6386AD
4/15
DocID14914 Rev 2
2
Electrical data
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Recommended operating conditions
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vout
Output voltage
-3 to Vboot - 18
V
Vcc
Supply voltage
- 0.3 to +18
V
Vboot
Floating supply voltage
-1 to 618
V
Vhvg
High-side gate output voltage
- 1 to Vboot
V
Vlvg
Low-side gate output voltage
-0.3 to Vcc +0.3
V
Vi
Logic input voltage
-0.3 to Vcc +0.3
V
Vdiag
Open drain forced voltage
-0.3 to Vcc +0.3
V
Vcin
Comparator input voltage
-0.3 to 10 V
V
dVout/dt Allowed output slew rate
50
V/ns
Ptot
Total power dissipation (TJ = 85 °C)
750
mW
Tj
Junction temperature
150
°C
Tstg
Storage temperature
-50 to 150
°C
Table 3. Thermal data
Symbol
Parameter
SO-14
Unit
Rth(JA)
Thermal resistance junction to ambient
165
°C/W
Table 4. Recommended operating conditions
Symbol Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vout
12
Output voltage
(1)
1. If the condition Vboot - Vout < 18 V is guaranteed, Vout can range from -3 to 580 V.
580
V
VBS(2)
2. VBS = Vboot - Vout.
14
Floating supply voltage
(1)
17
V
fsw
Switching frequency
HVG, LVG load CL = 1 nF
400
kHz
Vcc
4
Supply voltage
17
V
TJ
Junction temperature
-45
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com