Electronic Components Datasheet Search
  English  ▼

X  

L6386AD Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6386AD
Description  High voltage high and low-side driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386AD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6386AD Datasheet HTML 6Page - STMicroelectronics L6386AD Datasheet HTML 7Page - STMicroelectronics L6386AD Datasheet HTML 8Page - STMicroelectronics L6386AD Datasheet HTML 9Page - STMicroelectronics L6386AD Datasheet HTML 10Page - STMicroelectronics L6386AD Datasheet HTML 11Page - STMicroelectronics L6386AD Datasheet HTML 12Page - STMicroelectronics L6386AD Datasheet HTML 13Page - STMicroelectronics L6386AD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Typical characteristic
L6386AD
10/15
DocID14914 Rev 2
5
Typical characteristic
Figure 5. Typical rise and fall times
vs. load capacitance
Figure 6. Quiescent current vs. supply
voltage
Figure 7. Turn-on time vs. temperature
Figure 8. VBOOT UV turn-on threshold
vs. temperature
Figure 9. Turn-off time vs. temperature
Figure 10. VBOOT UV turn-off threshold
vs. temperature
For both high and low side buffers @25˚C Tamb
0
1
2
3
4
5
C (nF)
0
50
100
150
200
250
time
(nsec)
Tr
D99IN1054
Tf
0
2468
10
12
14
16 VS(V)
10
102
103
104
Iq
(
μA)
D99IN1057
-45
-25
0
25
50
75
100
125
0
50
100
150
200
250
Tj (°C)
Typ.
@ Vcc = 15V
-45
-25
0
25
50
75
100 125
7
8
9
10
11
12
13
14
15
Tj (°C)
Typ.
@ Vcc = 15V
-45
-25
0
25
50
75
100
125
0
50
100
150
200
250
Tj (°C)
Typ.
@ Vcc = 15V
-45
-25
0
25
50
75
100 125
7
8
9
10
11
12
13
14
15
Tj (°C)
Typ.
@ Vcc = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com