Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  Microprocessor
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1808 Datasheet(HTML) 5 Page - Texas Instruments

  AM1808 Datasheet HTML 1Page - Texas Instruments AM1808 Datasheet HTML 2Page - Texas Instruments AM1808 Datasheet HTML 3Page - Texas Instruments AM1808 Datasheet HTML 4Page - Texas Instruments AM1808 Datasheet HTML 5Page - Texas Instruments AM1808 Datasheet HTML 6Page - Texas Instruments AM1808 Datasheet HTML 7Page - Texas Instruments AM1808 Datasheet HTML 8Page - Texas Instruments AM1808 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 265 page
background image
AM1808
www.ti.com
SPRS653E – FEBRUARY 2010 – REVISED MARCH 2014
Table of Contents
1
AM1808 ARM Microprocessor
......................... 1
6.10
External Memory Interface A (EMIFA)
.............. 98
1.1
Features
.............................................. 1
6.11
DDR2/mDDR Memory Controller
.................. 109
1.2
Applications
........................................... 2
6.12
Memory Protection Units
.......................... 122
1.3
Description
............................................ 3
6.13
MMC / SD / SDIO (MMCSD0, MMCSD1)
......... 125
1.4
Functional Block Diagram
............................ 4
6.14
Serial ATA Controller (SATA)
...................... 128
2
Revision History
......................................... 6
6.15
Multichannel Audio Serial Port (McASP)
.......... 133
3
Device Overview
......................................... 7
6.16
Multichannel Buffered Serial Port (McBSP)
........ 142
3.1
Device Characteristics
................................ 7
6.17
Serial Peripheral Interface Ports (SPI0, SPI1)
..... 151
3.2
Device Compatibility
.................................. 8
6.18
Inter-Integrated Circuit Serial Ports (I2C)
.......... 172
6.19
Universal Asynchronous Receiver/Transmitter
3.3
ARM Subsystem
...................................... 8
(UART)
............................................. 176
3.4
Memory Map Summary
............................. 11
6.20
Universal Serial Bus OTG Controller (USB0)
3.5
Pin Assignments
.................................... 14
[USB2.0 OTG]
..................................... 178
3.6
Pin Multiplexing Control
............................. 17
6.21
Universal Serial Bus Host Controller (USB1)
3.7
Terminal Functions
.................................. 18
[USB1.1 OHCI]
..................................... 185
3.8
Unused Pin Configurations
.......................... 58
6.22
Ethernet Media Access Controller (EMAC)
........ 186
4
Device Configuration
.................................. 60
6.23
Management Data Input/Output (MDIO)
........... 193
4.1
Boot Modes
......................................... 60
6.24
LCD Controller (LCDC)
............................ 195
4.2
SYSCFG Module
.................................... 60
6.25
Host-Port Interface (UHPI)
......................... 210
4.3
Pullup/Pulldown Resistors
.......................... 63
6.26
Universal Parallel Port (uPP)
...................... 218
5
Specifications
........................................... 64
6.27
Video Port Interface (VPIF)
........................ 223
5.1
Absolute Maximum Ratings Over Operating
6.28
Enhanced Capture (eCAP) Peripheral
............. 228
Junction Temperature Range
6.29
Enhanced High-Resolution Pulse-Width Modulator
(Unless Otherwise Noted)
................................. 64
(eHRPWM)
......................................... 231
5.2
Handling Ratings
.................................... 64
6.30
Timers
.............................................. 236
5.3
Recommended Operating Conditions
............... 65
6.31
Real Time Clock (RTC)
............................ 238
5.4
Notes on Recommended Power-On Hours (POH)
. 67
6.32
General-Purpose Input/Output (GPIO)
............. 241
5.5
Electrical Characteristics Over Recommended
6.33
Programmable Real-Time Unit Subsystem (PRUSS)
Ranges of Supply Voltage and Operating Junction
..................................................... 245
Temperature (Unless Otherwise Noted)
............ 68
6.34
Emulation Logic
.................................... 248
6
Peripheral Information and Electrical
7
Device and Documentation Support
.............. 256
Specifications
........................................... 69
7.1
Device Support
..................................... 256
6.1
Parameter Information
.............................. 69
6.2
Recommended Clock and Control Signal Transition
7.2
Documentation Support
............................ 257
Behavior
............................................. 70
7.3
Community Resources
............................. 257
6.3
Power Supplies
...................................... 70
7.4
Trademarks
........................................ 257
6.4
Reset
................................................ 71
7.5
Electrostatic Discharge Caution
................... 258
6.5
Crystal Oscillator or External Clock Input
........... 75
7.6
Glossary
............................................ 258
6.6
Clock PLLs
.......................................... 76
8
Mechanical Packaging and Orderable
6.7
Interrupts
............................................ 81
Information
............................................. 258
6.8
Power and Sleep Controller (PSC)
.................. 87
8.1
Thermal Data for ZCE Package
................... 258
6.9
EDMA
............................................... 92
8.2
Thermal Data for ZWT Package
................... 259
Copyright © 2010–2014, Texas Instruments Incorporated
Table of Contents
5
Submit Documentation Feedback
Product Folder Links: AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com