Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  Microprocessor
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1808 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 2Page - Texas Instruments AM1808 Datasheet HTML 3Page - Texas Instruments AM1808 Datasheet HTML 4Page - Texas Instruments AM1808 Datasheet HTML 5Page - Texas Instruments AM1808 Datasheet HTML 6Page - Texas Instruments AM1808 Datasheet HTML 7Page - Texas Instruments AM1808 Datasheet HTML 8Page - Texas Instruments AM1808 Datasheet HTML 9Page - Texas Instruments AM1808 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 265 page
background image
AM1808
SPRS653E – FEBRUARY 2010 – REVISED MARCH 2014
www.ti.com
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the changes made to the SPRS653D device-specific data
manual to make it an SPRS653E revision.
Revision History
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
•
Turned on Navigation Icons on top of first page
•
Moved Trademarks information from first page to within Section 7, Device and Documentation
Global
Support.
•
Moved ESDS Warning to within Section 7, Device and Documentation Support.
•
Updated Features, Applications, and Description for consistency and translation.
Section 1.3
Added NEW Device Information Table.
Description
Table 3-3 thru Table 3-27:
Section 3.7
•
Updated/Changed footnote beginning with "IPD = Internal Pulldown resistor..."; added
Terminal Functions
sentence "For more detailed information on pullup/pulldown..."
Table 3-19, Universal Serial Bus (USB) Terminal Functions
Section 3.7.17
Universal Serial Bus Modules
•
Updated/Changed the capacitor value in USB0_VDDA12 pin DESCRIPTION from "1
μF" to
(USB0, USB1)
"0.22-
μF"
Table 3-30, Unused USB0 and USB1 Signal Configurations:
Section 3.8
•
Updated/Changed USB0_VDDA12 row by combining two columns and changing text from
Unused Pin Configurations
"...to an external filter capacitor" to "...to an external 0.22-
μF filter capacitor"
Updated/Changed title from "Device Operating Conditions" to "Specifications"
Section 5.2, Handling Ratings:
Section 5
Specifications
•
Split handling, ratings, and certifications from the Abs Max table and placed in NEW Handling
Ratings table.
Section 5.4
Table 5-1, Recommended Power-On Hours:
Notes on Recommended
•
Updated/Changed all applicable Silicon Revisions from "B" to "B/E"
Power-On Hours
Figure 6-12, Asynchronous Memory Read Timing for EMIFA:
Section 6.10.5
•
Added vertical lines to show difference between Setup, Strobe, and Hold
EMIFA Electrical/Timing
Figure 6-13, Asynchronous Memory Write Timing for EMIFA:
•
Added vertical lines to show difference between Setup, Strobe, and Hold
Table 6-45, SATA Routing Specifications:
Section 6.14.2.4
Routing Specifications
•
Added NEW footnote beginning with "The SATA_REFCLK(P/N)..."
Section 7.1.2
Figure 7-1, Device Nomenclature:
Device and Development-
•
Added "E = Silicon Revision 2.3" under SILICON REVISION
Support Tool Nomenclature
Section 7.6
Added NEW section.
Glossary
6
Revision History
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com