| Electronic Components Datasheet Search |
|
AM1808 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM1808 Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 265 page ![]() Product Folder Sample & Buy Technical Documents Tools & Software Support & Community AM1808 SPRS653E – FEBRUARY 2010 – REVISED MARCH 2014 AM1808 ARM® Microprocessor 1 AM1808 ARM Microprocessor 1.1 Features 1 • 375- and 456-MHz ARM926EJ-S™ RISC MPU • Programmable Real-Time Unit Subsystem (PRUSS) • ARM926EJ-S Core – Two Independent Programmable Real-Time Unit – 32-Bit and 16-Bit ( Thumb®) Instructions (PRU) Cores – Single-Cycle MAC • 32-Bit Load-Store RISC Architecture – ARM Jazelle® Technology • 4KB of Instruction RAM per Core – Embedded ICE-RT™ for Real-Time Debug • 512 Bytes of Data RAM per Core • ARM9™ Memory Architecture • PRUSS can be Disabled via Software to – 16KB of Instruction Cache Save Power – 16KB of Data Cache • Register 30 of Each PRU is Exported from – 8KB of RAM (Vector Table) the Subsystem in Addition to the Normal R31 – 64KB of ROM Output of the PRU Cores. • Enhanced Direct Memory Access Controller 3 – Standard Power-Management Mechanism (EDMA3): • Clock Gating – 2 Channel Controllers • Entire Subsystem Under a Single PSC Clock – 3 Transfer Controllers Gating Domain – 64 Independent DMA Channels – Dedicated Interrupt Controller – 16 Quick DMA Channels – Dedicated Switched Central Resource – Programmable Transfer Burst Size • USB 1.1 OHCI (Host) with Integrated PHY (USB1) • 128KB of On-Chip Memory • USB 2.0 OTG Port with Integrated PHY (USB0) • 1.8-V or 3.3-V LVCMOS I/Os (Except for USB and – USB 2.0 High- and Full-Speed Client DDR2 Interfaces) – USB 2.0 High-, Full-, and Low-Speed Host • Two External Memory Interfaces: – End Point 0 (Control) – EMIFA – End Points 1,2,3,4 (Control, Bulk, Interrupt or • NOR (8- or 16-Bit-Wide Data) ISOC) RX and TX • NAND (8- or 16-Bit-Wide Data) • One Multichannel Audio Serial Port (McASP): • 16-Bit SDRAM with 128-MB Address Space – Transmit and Receive Clocks – DDR2/Mobile DDR Memory Controller with one – Two Clock Zones and 16 Serial Data Pins of the following: – Supports TDM, I2S, and Similar Formats • 16-Bit DDR2 SDRAM with 256-MB Address – DIT-Capable Space – FIFO Buffers for Transmit and Receive • 16-Bit mDDR SDRAM with 256-MB Address • Two Multichannel Buffered Serial Ports (McBSPs): Space – Transmit and Receive Clocks • Three Configurable 16550-Type UART Modules: – Supports TDM, I2S, and Similar Formats – With Modem Control Signals – AC97 Audio Codec Interface – 16-Byte FIFO – Telecom Interfaces (ST-Bus, H100) – 16x or 13x Oversampling Option – 128-Channel TDM • LCD Controller – FIFO Buffers for Transmit and Receive • Two Serial Peripheral Interfaces (SPIs) Each with • 10/100 Mbps Ethernet MAC (EMAC): Multiple Chip Selects – IEEE 802.3 Compliant • Two Multimedia Card (MMC)/Secure Digital (SD) Card Interfaces with Secure Data I/O (SDIO) – MII Media-Independent Interface Interfaces – RMII Reduced Media-Independent Interface • Two Master and Slave Inter-Integrated Circuits – Management Data I/O (MDIO) Module ( I2C Bus™) • One Host-Port Interface (HPI) with 16-Bit-Wide Muxed Address and Data Bus For High Bandwidth 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Similar Part No. - AM1808 |
|
Similar Description - AM1808 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |