Electronic Components Datasheet Search
  English  ▼

X  

L6393N Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6393N
Description  Half-bridge gate driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6393N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6393N Datasheet HTML 2Page - STMicroelectronics L6393N Datasheet HTML 3Page - STMicroelectronics L6393N Datasheet HTML 4Page - STMicroelectronics L6393N Datasheet HTML 5Page - STMicroelectronics L6393N Datasheet HTML 6Page - STMicroelectronics L6393N Datasheet HTML 7Page - STMicroelectronics L6393N Datasheet HTML 8Page - STMicroelectronics L6393N Datasheet HTML 9Page - STMicroelectronics L6393N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical data
L6393
6/19
Doc ID 14497 Rev 4
4
Electrical data
4.1
Absolute maximum ratings
Note:
ESD immunity for pins 12, 13 and 14 is guaranteed up to 1 kV (human body model)
4.2
Thermal data
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Min
max
VCC
Supply voltage
-0.3
21
V
VOUT
Output voltage
Vboot - 21
Vboot + 0.3
V
Vboot
Bootstrap voltage
-0.3
620
V
Vhvg
High side gate output voltage
VOUT - 0.3
Vboot + 0.3
V
Vlvg
Low side gate output voltage
-0.3
VCC + 0.3
V
Vcp+
Comparator positive input voltage
-0.3
VCC + 0.3
V
Vcp-
Comparator negative input voltage
-0.3
VCC + 0.3
V
Vi
Logic input voltage
-0.3
15
V
Vod
Open drain voltage
-0.3
15
V
dVOUT/dt
Allowed output slew rate
50
V/ns
Ptot
Total power dissipation (TA = 25 °C)
800
mW
TJ
Junction temperature
150
°C
TSTG
Storage temperature
-50
150
°C
Table 5.
Thermal data
Symbol
Parameter
SO-14
DIP-14
Unit
Rth(JA)
Thermal resistance junction to ambient max.
165
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com